Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 41 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 37Page - Microchip Technology USB7252P Datasheet HTML 38Page - Microchip Technology USB7252P Datasheet HTML 39Page - Microchip Technology USB7252P Datasheet HTML 40Page - Microchip Technology USB7252P Datasheet HTML 41Page - Microchip Technology USB7252P Datasheet HTML 42Page - Microchip Technology USB7252P Datasheet HTML 43Page - Microchip Technology USB7252P Datasheet HTML 44Page - Microchip Technology USB7252P Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003561A-page 41
USB7252P
For detailed information on utilizing the Power Delivery feature, refer to the application note “Power Delivery with Micro-
chip USB705x Hubs”, which can be found on the Microchip USB7252P product page at www.microchip.com/
USB7252P.
8.4
CC Pin Orientation and Detection
The device provides CC1 and CC2 pins on all Type-C ports for cable plug orientation and detection of a USB Type-C
receptacle. The device also integrates a comparator and DAC circuit to implement Type-C attach and detach functions,
which supports up to eight programmable thresholds for attach detection between a UFP and DFP. When operating as
a UFP, the device supports detecting changes in the DFP’s advertised thresholds.
When operating as a DFP, the device implements current sources to advertise current charging capabilities on both CC
pins. By default, the CC pins advertise a 3A VBUS sourcing capability when operating in DFP mode. This may be recon-
figured to 1.5A or Default USB (500mA for USB2 DFP or 900mA for a USB3 DFP) via OTP, SMBus, or SPI configuration.
When a UFP connection is established, the current driven across the CC pins creates a voltage across the UFP’s Rd
pull-down that can be detected by the integrated CC comparator. When connected to an active cable, an alternative
pull-down, Ra, appears on the CC pin.
When operating as a UFP, the device applies an Rd pull-down on both CC lines and waits for a DFP connection from
the assertion of VBUS. The CC comparator is used to determine the advertised current charger capabilities supported
by the DFP.
VCONN is a 3V-5V supply used to power circuitry in the USB Type-C plug that is required to implement Electronically
Marked Cables and other VCONN Powered accessories. By default the DFP always sources VCONN when connected
to an active cable. The USB7252P requires the use of two external VCONN FETs. The device provides the enables for
these FETs, and can detect an over-current event (OCS) by monitoring the output voltage of the FET via the CC pins.
If the voltage on the VCONN line is sensed as <3.0V by the CC comparator of the either CC1 or CC2 (whichever pin is
operating as VCONN at the time) then an over-current event is detected and the VCONN supply is shut off. VCONN is
only sourced on either the CC1 or the CC2 pin, never both. The pin which is to become the VCONN supply is determined
only when a device is attached to the Type-C port. The VCONN supply is controlled from the hub DP1_VCONN1/
DP1_VCONN2/DP2_VCONN2/DP2_VCONN2.
The device also implements a comparator for determining when a VBUS is within a programmed range, vSafe5V or
vSafe0V. VBUS is divided down externally to provide a nominal 2.68V at the
VBUS_MON pin. For a DFP, the VBUS
comparator is useful to detect when VBUS is within the required range per power delivery negotiations. For a UFP, the
VBUS comparator is utilized to determine when a DFP is attached or detached. It may also use the comparator to deter-
mine when VBUS is within a new voltage range per power delivery negotiations.
Note:
The USB7252P hub internally manages the protocol and policy for each USB Power Delivery port, and con-
trols external power circuitry via a companion UPD250 controller.
Note:
The USB7252P requires a serially-connected SPI Flash to contain the application-specific firmware, oth-
erwise functions such as Power Delivery will have minimal functionality. Refer to the “Configuration of the
USB7002/USB705x” application note for additional information.
Note:
The native USB Type-C functionality (including CC pin orientation and detection features) is managed
autonomously by the USB7252P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com