Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 6 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 2Page - Microchip Technology USB7252P Datasheet HTML 3Page - Microchip Technology USB7252P Datasheet HTML 4Page - Microchip Technology USB7252P Datasheet HTML 5Page - Microchip Technology USB7252P Datasheet HTML 6Page - Microchip Technology USB7252P Datasheet HTML 7Page - Microchip Technology USB7252P Datasheet HTML 8Page - Microchip Technology USB7252P Datasheet HTML 9Page - Microchip Technology USB7252P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
USB7252P
DS00003561A-page 6
2018 - 2020 Microchip Technology Inc.
2.0
INTRODUCTION
2.1
General Description
The Microchip USB7252P hub is a low-power, OEM configurable, USB 3.2 Gen 2 hub controller with downstream ports
and advanced features for embedded USB applications. The USB7252P is fully compliant with the Universal Serial Bus
Revision 3.2 Specification and USB 2.0 Link Power Management Addendum. The USB7252P supports 10 Gbps Super-
Speed+ (SS+), 5 Gbps SuperSpeed (SS), 480 Mbps Hi-Speed (HS), 12 Mbps Full-Speed (FS), and 1.5 Mbps Low-
Speed (LS) USB downstream devices on three standard USB 3.2 Gen 2 downstream ports and only legacy speeds (HS/
FS/LS) on one standard USB 2.0 downstream port.
The USB7252P supports USB Power Delivery with up to 100W of power and Alternate Modes on the upstream port.
Native basic Type-C with integrated CC logic is supported on two of the downstream ports. The USB Power Delivery
firmware stack is executed within the hub and controls a Microchip UPD360/UPD350 (or equivalent) companion Type-
C controller. The two downstream Type-C ports include internal USB 3.2 Gen 2 multiplexers; no external multiplexer is
required for Type-C support.
The USB7252P supports the legacy USB speeds (HS/FS/LS) through a dedicated USB 2.0 hub controller that is the
culmination of seven generations of Microchip hub feature controller design and experience with proven reliability,
interoperability, and device compatibility. The SuperSpeed hub controller operates in parallel with the USB 2.0 controller,
decoupling the 10/5 Gbps SS+/SS data transfers from bottlenecks due to the slower USB 2.0 traffic.
The enables OEMs to configure their system using “Configuration Straps.” These straps simplify the configuration pro-
cess assigning default values to USB 3.2 Gen 2 ports and GPIOs. OEMs can disable ports, enable battery charging and
define GPIO functions as default assignments on power up removing the need for OTP or external SPI ROM.
The USB7252P supports downstream battery charging. The USB7252P integrated battery charger detection circuitry
supports the USB-IF Battery Charging (BC1.2) detection method and most Apple devices. The USB7252P provides the
battery charging handshake and supports the following USB-IF BC1.2 charging profiles:
• DCP: Dedicated Charging Port (Power brick with no data)
• CDP: Charging Downstream Port (1.5A with data)
• SDP: Standard Downstream Port (0.5A[USB 2.0]/0.9A[USB 3.2] with data)
Additionally, the USB7252P includes many powerful and unique features such as:
The Hub Feature Controller, an internal USB device dedicated for use as a USB to I2C/UART/SPI/GPIO interface that
allows external circuits or devices to be monitored, controlled, or configured via the USB interface.
Multi-Host Endpoint Reflector, which provides unique USB functionality whereby USB data can be “mirrored” between
two USB hosts (Multi-Host) in order to perform a single USB transaction.This capability is fully covered by Microchip
intellectual property (U.S. Pat. Nos. 7,523,243 and 7,627,708) and is instrumental in enabling Apple CarPlay™, where
the Apple iPhone® becomes a USB Host.
FlexConnect, which provides flexible connectivity options. One of the USB7252P’s downstream ports can be reconfig-
ured to become the upstream port, allowing master capable devices to control other devices on the hub.
PortSwap, which adds per-port programmability to USB differential-pair pin locations. PortSwap allows direct alignment
of USB signals (D+/D-) to connectors to avoid uneven trace length or crossing of the USB differential signals on the
PCB.
PHYBoost, which provides programmable levels of Hi-Speed USB signal drive strength
in the downstream port transceivers. PHYBoost attempts to restore USB signal integrity
in a compromised system environment. The graphic on the right shows an example of
Hi-Speed USB eye diagrams before and after PHYBoost signal integrity restoration. in
a compromised system environment.
VariSense, which controls the Hi-Speed USB receiver sensitivity enabling programmable levels of USB signal receive
sensitivity. This capability allows operation in a sub-optimal system environment, such as when a captive USB cable is
used.
Port Split, which allows for the USB 3.2 Gen 2 and USB 2.0 portions of downstream port 3 to operate independently
and enumerate two separate devices in parallel in special applications.
USB Power Delivery Billboard Device, which allows an internal device to enumerate as a Billboard class device when
a Power Delivery Alternate Mode negotiation has failed. The Billboard device will enumerate temporarily to the host PC
when a failure occurs, as indicated by a digital signal from an external Power Delivery controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com