Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 45Page - STMicroelectronics STM32F303X6 Datasheet HTML 46Page - STMicroelectronics STM32F303X6 Datasheet HTML 47Page - STMicroelectronics STM32F303X6 Datasheet HTML 48Page - STMicroelectronics STM32F303X6 Datasheet HTML 49Page - STMicroelectronics STM32F303X6 Datasheet HTML 50Page - STMicroelectronics STM32F303X6 Datasheet HTML 51Page - STMicroelectronics STM32F303X6 Datasheet HTML 52Page - STMicroelectronics STM32F303X6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
DS9866 Rev 8
49/124
STM32F303x6/x8
Electrical characteristics
102
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 16: Voltage characteristics,
Table 17: Current characteristics, and Table 18: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect the device reliability.
Table 16. Voltage characteristics(1)
Symbol
Ratings
Min.
Max.
Unit
VDD–VSS
External main supply voltage (including VDDA, VBAT
and VDD)
-0.3
V
VDD–VDDA
Allowed voltage difference for VDD > VDDA
-0.4
VIN(2)
Input voltage on FT and FTf pins
VSS −0.3
VDD + 4.0
Input voltage on TTa
VSS −0.3
4.0
Input voltage on any other pin
VSS −0.3
4.0
Input voltage on Boot0 pin
0
9
|
ΔVDDx|
Variations between different VDD power pins
-
50
mV
|VSSX −VSS|
Variations between all the different ground pins(3)
-50
VESD(HBM)
Electrostatic discharge voltage (human body model)
see Section 6.3.12: Electrical
sensitivity characteristics
-
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range. The following relationship must be respected between VDDA and VDD:
VDDA must power on before or at the same time as VDD in the power up sequence.
VDDA must be greater than or equal to VDD.
2. VIN maximum must always be respected. Refer to Table 17: Current characteristics for the maximum allowed injected
current values.
3. Include VREF- pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com