Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 32Page - STMicroelectronics STM32F303X6 Datasheet HTML 33Page - STMicroelectronics STM32F303X6 Datasheet HTML 34Page - STMicroelectronics STM32F303X6 Datasheet HTML 35Page - STMicroelectronics STM32F303X6 Datasheet HTML 36Page - STMicroelectronics STM32F303X6 Datasheet HTML 37Page - STMicroelectronics STM32F303X6 Datasheet HTML 38Page - STMicroelectronics STM32F303X6 Datasheet HTML 39Page - STMicroelectronics STM32F303X6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
Pinout and pin descriptions
STM32F303x6/x8
36/124
DS9866 Rev 8
--
-
8
-
PC0
I/O
TTa
EVENTOUT,
TIM1_CH1
ADC12_IN6
--
-
9
-
PC1
I/O
TTa
EVENTOUT,
TIM1_CH2
ADC12_IN7
--
-
10
-
PC2
I/O
TTa
EVENTOUT,
TIM1_CH3
ADC12_IN8
--
-
11
C5
PC3
I/O
TTa
EVENTOUT,
TIM1_CH4,
TIM1_BKIN2
ADC12_IN9
6
-
8
12
E7
VSSA/VREF-
S
-
Analog ground/Negative reference voltage
--
-
F7
VREF+
S
-
-
-
E6
VDDA
S
-
-
-
5
5
9
13
-
VDDA/VREF+
S
-
Analog power supply/Positive reference voltage
7
6
10
14
D6
PA0
I/O
TTa
TIM2_CH1/
TIM2_ETR,
TSC_G1_IO1,
USART2_CTS,
EVENTOUT
ADC1_IN1(2),
RTC_TAMP2/WKUP1
87
11
15
G7
PA1
I/O
TTa
TIM2_CH2,
TSC_G1_IO2,
USART2_RTS_DE,
TIM15_CH1N,
EVENTOUT
ADC1_IN2(2), RTC_REFIN
9
8
12
16
D5
PA2
I/O
TTa
TIM2_CH3,
TSC_G1_IO3,
USART2_TX,
COMP2_OUT,
TIM15_CH1,
EVENTOUT
ADC1_IN3(2), COMP2_INM
10
9
13
17
E5
PA3
I/O
TTa
TIM2_CH4,
TSC_G1_IO4,
USART2_RX,
TIM15_CH2,
EVENTOUT
ADC1_IN4(2)
-
-
-
18
F6
VSS
S
-
-
-
--
-
19
G6
VDD
S
-
-
-
11
10
14
20
F5
PA4(3)
I/O
TTa
TIM3_CH2,
TSC_G2_IO1,
SPI1_NSS,
USART2_CK,
EVENTOUT
ADC2_IN1(2), DAC1_OUT1,
COMP2_INM, COMP4_INM,
COMP6_INM
12
11
15
21
G5
PA5(3)
I/O
TTa
TIM2_CH1/
TIM2_ETR,
TSC_G2_IO2,
SPI1_SCK,
EVENTOUT
ADC2_IN2(2), DAC1_OUT2,
OPAMP2_VINM
Table 13. STM32F303x6/8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com