Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 27Page - STMicroelectronics STM32F303X6 Datasheet HTML 28Page - STMicroelectronics STM32F303X6 Datasheet HTML 29Page - STMicroelectronics STM32F303X6 Datasheet HTML 30Page - STMicroelectronics STM32F303X6 Datasheet HTML 31Page - STMicroelectronics STM32F303X6 Datasheet HTML 32Page - STMicroelectronics STM32F303X6 Datasheet HTML 33Page - STMicroelectronics STM32F303X6 Datasheet HTML 34Page - STMicroelectronics STM32F303X6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 124 page
background image
DS9866 Rev 8
31/124
STM32F303x6/x8
Pinout and pin descriptions
45
4
Pinout and pin descriptions
Figure 4. LQFP32 pinout
1. The above figure shows the package top view.
Figure 5. LQFP48 pinout
1. The above figure shows the package top view.
MS31949V3
32 31 30 29 28 27 26 25
VDD
1
2
3
4
PF0/OSC_IN
5
24
PA14
6
LQFP32
23
PA13
NRST
7
22
PA12
8
21
PA11
20
PA10
PA1
19
PA9
PA8
17
9
1011
1213141516
VDD
PF1/OSC_OUT
VDDA/VREF+
PA2
18
PA0
MSv36901V2
48
47
46
45
44
43
42
41
40
39
38
37
VBAT
136
VDD
PC13
235
VSS
PC14/OSC32_IN
334
PA13
433
PA12
PF0/OSC_IN
532
PA11
6
LQFP48
31
PA10
NRST
730
PA9
VSSA/VREF-
829
PA8
928
PB15
PA0
10
27
PB14
11
26
PB13
12
25
PB12
13
14
15
16
17
18
19
20
21
22
23
24
PC15/OSC32_OUT
PF1/OSC_OUT
VDDA/VREF+
PA1
PA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com