Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 31Page - STMicroelectronics STM32F303X6 Datasheet HTML 32Page - STMicroelectronics STM32F303X6 Datasheet HTML 33Page - STMicroelectronics STM32F303X6 Datasheet HTML 34Page - STMicroelectronics STM32F303X6 Datasheet HTML 35Page - STMicroelectronics STM32F303X6 Datasheet HTML 36Page - STMicroelectronics STM32F303X6 Datasheet HTML 37Page - STMicroelectronics STM32F303X6 Datasheet HTML 38Page - STMicroelectronics STM32F303X6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
DS9866 Rev 8
35/124
STM32F303x6/x8
Pinout and pin descriptions
45
Table 12. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and
after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TTa
3.3 V tolerant I/O directly connected to ADC
TT
3.3 V tolerant I/O
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bi-directional reset pin with embedded weak pull-up resistor
POR
External power-on reset pin with embedded weak pull-up resistor,
powered from VDDA.
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after
reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 13. STM32F303x6/8 pin definitions
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate
functions
Additional functions
-
-
1
1
-
VBAT
S
-
Backup power supply
--
2
2
-
PC13(1)
I/O
TC
TIM1_CH1N
RTC_TAMP1/RTC_TS/
RTC_OUT/WKUP2
-
-
3
3
-
PC14 / OSC32_IN(1)
I/O
TC
-
OSC32_IN
-
-
4
4
-
PC15 / OSC32_OUT(1)
I/O
TC
-
OSC32_OUT
2
2
5
5
C7
PF0 / OSC_IN
I/O
FT
TIM1_CH3N
OSC_IN
3
3
6
6
C6
PF1 / OSC_OUT
I/O
FT
-
OSC_OUT
4
4
7
7
D7
NRST
I/O
RST
Device reset input / internal reset output
(active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com