Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 19Page - STMicroelectronics STM32F303X6 Datasheet HTML 20Page - STMicroelectronics STM32F303X6 Datasheet HTML 21Page - STMicroelectronics STM32F303X6 Datasheet HTML 22Page - STMicroelectronics STM32F303X6 Datasheet HTML 23Page - STMicroelectronics STM32F303X6 Datasheet HTML 24Page - STMicroelectronics STM32F303X6 Datasheet HTML 25Page - STMicroelectronics STM32F303X6 Datasheet HTML 26Page - STMicroelectronics STM32F303X6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 124 page
background image
DS9866 Rev 8
23/124
STM32F303x6/x8
Functional overview
45
3.13
Ultra-fast comparators (COMP)
The STM32F303x6/8 devices embed three ultra-fast rail-to-rail comparators (COMP2/4/6)
that offer the features below:
•
Programmable internal or external reference voltage
•
Selectable output polarity.
The reference voltage can be one of the following:
•
External I/O
•
DAC output
•
Internal reference voltage or submultiple (1/4, 1/2, 3/4). Refer to Table 23: Embedded
internal reference voltage for values and parameters of the internal reference voltage.
All comparators can wake up from STOP mode, generate interrupts and breaks for the
timers.
3.14
Timers and watchdogs
The STM32F303x6/8 includes advanced control timer, 5 general-purpose timers, basic
timer, two watchdog timers and a SysTick timer. The table below compares the features of
the advanced control, general purpose and basic timers.
Table 5. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1(1)
16-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
Yes
General-
purpose
TIM2
32-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
No
General-
purpose
TIM3
16-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
No
General-
purpose
TIM15
16-bit
Up
Any integer
between 1
and 65536
Yes
2
1
General-
purpose
TIM16,
TIM17
16-bit
Up
Any integer
between 1
and 65536
Yes
1
1
Basic
TIM6, TIM7
16-bit
Up
Any integer
between 1
and 65536
Yes
0
No
1. TIM1 can be clocked from the PLL x 2 running at up to 144 MHz when the system clock source is the PLL and AHB or
APB2 subsystem clocks are not divided by more than 2 cumulatively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com