Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 35Page - STMicroelectronics STM32F303X6 Datasheet HTML 36Page - STMicroelectronics STM32F303X6 Datasheet HTML 37Page - STMicroelectronics STM32F303X6 Datasheet HTML 38Page - STMicroelectronics STM32F303X6 Datasheet HTML 39Page - STMicroelectronics STM32F303X6 Datasheet HTML 40Page - STMicroelectronics STM32F303X6 Datasheet HTML 41Page - STMicroelectronics STM32F303X6 Datasheet HTML 42Page - STMicroelectronics STM32F303X6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
DS9866 Rev 8
39/124
STM32F303x6/x8
Pinout and pin descriptions
45
24
24
37
49
A1
PA14
I/O
FTf
JTCK/SWCLK,
TSC_G4_IO4,
I2C1_SDA,
TIM1_BKIN,
USART2_TX,
EVENTOUT
-
25
25
38
50
A2
PA15
I/O
FTf
JTDI,
TIM2_CH1/TIM2_ET
R, TSC_SYNC,
I2C1_SCL,
SPI1_NSS,
USART2_RX,
TIM1_BKIN,
EVENTOUT
-
--
-
51
-
PC10
I/O
FT
EVENTOUT,
USART3_TX
-
--
-
52
-
PC11
I/O
FT
EVENTOUT,
USART3_RX
-
--
-
53
-
PC12
I/O
FT
EVENTOUT,
USART3_CK
-
--
-
54
-
PD2
I/O
FT
EVENTOUT,
TIM3_ETR
-
26
26
39
55
A3
PB3
I/O
FT
JTDO/TRACE
SWO, TIM2_CH2,
TSC_G5_IO1,
SPI1_SCK,
USART2_TX,
TIM3_ETR,
EVENTOUT
-
27
27
40
56
B3
PB4
I/O
FT
NJTRST,
TIM16_CH1,
TIM3_CH1,
TSC_G5_IO2,
SPI1_MISO,
USART2_RX,
TIM17_BKIN,
EVENTOUT
-
28
28
41
57
B4
PB5
I/O
FT
TIM16_BKIN,
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI,
USART2_CK,
TIM17_CH1,
EVENTOUT
-
29
29
42
58
A4
PB6
I/O
FTf
TIM16_CH1N,
TSC_G5_IO3,
I2C1_SCL,
USART1_TX,
EVENTOUT
-
30
30
43
59
B5
PB7
I/O
FTf
TIM17_CH1N,
TSC_G5_IO4,
I2C1_SDA,
USART1_RX,
TIM3_CH4,
EVENTOUT
-
31
31
44
60
A5
BOOT0
I
B
-
-
Table 13. STM32F303x6/8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com