Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 86Page - STMicroelectronics STM32F303X6 Datasheet HTML 87Page - STMicroelectronics STM32F303X6 Datasheet HTML 88Page - STMicroelectronics STM32F303X6 Datasheet HTML 89Page - STMicroelectronics STM32F303X6 Datasheet HTML 90Page - STMicroelectronics STM32F303X6 Datasheet HTML 91Page - STMicroelectronics STM32F303X6 Datasheet HTML 92Page - STMicroelectronics STM32F303X6 Datasheet HTML 93Page - STMicroelectronics STM32F303X6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
Electrical characteristics
STM32F303x6/x8
90/124
DS9866 Rev 8
Figure 29. ADC typical current consumption in single-ended and differential modes
tCONV
Total conversion time
(including sampling time)
fADC = 72 MHz
Resolution = 12 bits
0.19
-
8.52
µs
Resolution = 12 bits
14 to 614 (tS for sampling + 12.5 for
successive approximation)
1/fADC
CMIR
Common Mode Input
signal
ADC differential mode
(VSSA+VREF+)/
2-0.18
(VSSA +
VREF+)/2
(VSSA +
VREF+)/2
+ 0.18
V
Table 60. ADC characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
MS34994V1
Clock frequency (MSPS)
Table 61. Maximum ADC RAIN(1)
Resolution
Sampling
cycle @
72 MHz
Sampling
time [ns] @
72 MHz
RAIN max. (kΩ)
Fast channels(2)
Slow channels
Other
channels(3)
12 bits
1.5
20.83
0.018
NA
NA
2.5
34.72
0.150
NA
0.022
4.5
62.50
0.470
0.220
0.180
7.5
104.17
0.820
0.560
0.470
19.5
270.83
2.70
1.80
1.50
61.5
854.17
8.20
6.80
4.70
181.5
2520.83
22.0
18.0
15.0
601.5
8354.17
82.0
68.0
47.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com