Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 38Page - STMicroelectronics STM32F303X6 Datasheet HTML 39Page - STMicroelectronics STM32F303X6 Datasheet HTML 40Page - STMicroelectronics STM32F303X6 Datasheet HTML 41Page - STMicroelectronics STM32F303X6 Datasheet HTML 42Page - STMicroelectronics STM32F303X6 Datasheet HTML 43Page - STMicroelectronics STM32F303X6 Datasheet HTML 44Page - STMicroelectronics STM32F303X6 Datasheet HTML 45Page - STMicroelectronics STM32F303X6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 124 page
background image
Port B
PB10
-
TIM2_CH3
-
TSC_SYNC
-
-
-
USART3_TX
-
-
-
-
-
-
-
EVENTOUT
PB11
-
TIM2_CH4
-
TSC_G6_IO1
-
-
-
USART3_RX
-
-
-
-
-
-
-
EVENTOUT
PB12
-
-
-
TSC_G6_IO2
-
-
TIM1_BKIN
USART3_CK
-
-
-
-
-
-
-
EVENTOUT
PB13
-
-
-
TSC_G6_IO3
-
-
TIM1_CH1N
USART3_CTS
-
-
-
-
-
-
-
EVENTOUT
PB14
-
TIM15_CH1
-
TSC_G6_IO4
-
-
TIM1_CH2N
USART3_RTS
_DE
--
-
-
-
-
-
EVENTOUT
PB15
-
TIM15_CH2
TIM15_CH1N
-
TIM1_CH3N
-
-
-
-
-
-
-
-
-
-
EVENTOUT
Port C
PC0
-
EVENTOUT
TIM1_CH1
-
-
-
-
-
-
-
-
-
-
-
-
-
--
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PC2
-
EVENTOUT
TIM1_CH3
-
-
-
-
-
-
-
-
-
-
-
-
-
PC3
-
EVENTOUT
TIM1_CH4
-
-
-
TIM1_BKIN2
-
-
-
-
-
-
-
-
-
PC4
-
EVENTOUT
TIM1_ETR
-
-
-
-
USART1_TX
-
-
-
-
-
-
-
-
PC5
-
EVENTOUT
TIM15_BKIN
TSC_G3_IO1
-
-
-
USART1_RX
-
-
-
-
-
-
-
-
PC6
-
EVENTOUT
TIM3_CH1
-
-
-
-
COMP6_OUT
-
-
-
-
-
-
-
-
PC7
-
EVENTOUT
TIM3_CH2
-
-
-
-
-
-
-
-
-
-
-
-
-
PC8
-
EVENTOUT
TIM3_CH3
-
-
-
-
-
-
-
-
-
-
-
-
-
PC9
-
EVENTOUT
TIM3_CH4
-
-
-
-
-
-
-
-
-
-
-
-
-
PC10
-
EVENTOUT
-
-
-
-
-
USART3_TX
-
-
-
-
-
-
-
-
PC11
-
EVENTOUT
-
-
-
-
-
USART3_RX
-
-
-
-
-
-
-
-
PC12
-
EVENTOUT
-
-
-
-
-
USART3_CK
-
-
-
-
-
-
-
-
PC13
-
-
-
-
TIM1_CH1N
-
-
-
-
-
-
-
-
-
-
-
PC14
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PC15
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Port D
PD2
-
EVENTOUT
TIM3_ETR
-
-
-
-
-
-
-
-
-
-
-
-
-
Port F
PF0
-
-
-
-
-
-
TIM1_CH3N
-
-
-
-
-
-
-
-
-
PF1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Table 14. Alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
TIM2/TIM15/
TIM16/TIM17/
EVENT
TIM1/TIM3/
TIM15/
TIM16
TSC
I2C1/TIM1
SPI1/
Infrared
TIM1/
Infrared
USART1/USA
RT2/USART3/
GPCOMP6
GPCOMP2/
GPCOMP4/
GPCOMP6
CAN/TIM1/
TIM15
TIM2/TIM3/TI
M17
TIM1
TIM1
OPAMP2
-EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com