Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 33Page - STMicroelectronics STM32F303X6 Datasheet HTML 34Page - STMicroelectronics STM32F303X6 Datasheet HTML 35Page - STMicroelectronics STM32F303X6 Datasheet HTML 36Page - STMicroelectronics STM32F303X6 Datasheet HTML 37Page - STMicroelectronics STM32F303X6 Datasheet HTML 38Page - STMicroelectronics STM32F303X6 Datasheet HTML 39Page - STMicroelectronics STM32F303X6 Datasheet HTML 40Page - STMicroelectronics STM32F303X6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 124 page
background image
DS9866 Rev 8
37/124
STM32F303x6/x8
Pinout and pin descriptions
45
13
12
16
22
E4
PA6(3)
I/O
TTa
TIM16_CH1,
TIM3_CH1,
TSC_G2_IO3,
SPI1_MISO,
TIM1_BKIN
EVENTOUT
ADC2_IN3(2), DAC2_OUT1,
OPAMP2_VOUT
14
13
17
23
F4
PA7
I/O
TTa
TIM17_CH1,
TIM3_CH2,
TSC_G2_IO4,
SPI1_MOSI,
TIM1_CH1N,
EVENTOUT
ADC2_IN4(2), COMP2_INP,
OPAMP2_VINP
--
-
24
G4
PC4
I/O
TTa
EVENTOUT,
TIM1_ETR,
USART1_TX
ADC2_IN5(2)
--
-
25
E3
PC5
I/O
TTa
EVENTOUT,
TIM15_BKIN,
TSC_G3_IO1,
USART1_RX
ADC2_IN11, OPAMP2_VINM
15
14
18
26
F3
PB0
I/O
TTa
TIM3_CH3,
TSC_G3_IO2,
TIM1_CH2N,
EVENTOUT
ADC1_IN11, COMP4_INP,
OPAMP2_VINP
-15
19
27
G3
PB1
I/O
TTa
TIM3_CH4,
TSC_G3_IO3,
TIM1_CH3N,
COMP4_OUT,
EVENTOUT
ADC1_IN12
-
-
20
28
F2
PB2
I/O
TTa
TSC_G3_IO4,
EVENTOUT
ADC2_IN12, COMP4_INM
-
-
21
29
G2
PB10
I/O
TT
TIM2_CH3,
TSC_SYNC,
USART3_TX,
EVENTOUT
-
-
-
22
30
G1
PB11
I/O
TTa
TIM2_CH4,
TSC_G6_IO1,
USART3_RX,
EVENTOUT
COMP6_INP
16
16
23
31
-
VSS
S
-
Digital ground
17
17
24
32
B2
VDD
S
-
Digital power supply
-
25
33
F1
PB12
I/O
TTa
TSC_G6_IO2,
TIM1_BKIN,
USART3_CK,
EVENTOUT
ADC2_IN13
-
-
26
34
E2
PB13
I/O
TTa
TSC_G6_IO3,
TIM1_CH1N,
USART3_CTS,
EVENTOUT
ADC1_IN13
-
-
27
35
E1
PB14
I/O
TTa
TIM15_CH1,
TSC_G6_IO4,
TIM1_CH2N,
USART3_RTS_DE,E
VENTOUT
ADC2_IN14, OPAMP2_VINP
Table 13. STM32F303x6/8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com