Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 94Page - STMicroelectronics STM32F303X6 Datasheet HTML 95Page - STMicroelectronics STM32F303X6 Datasheet HTML 96Page - STMicroelectronics STM32F303X6 Datasheet HTML 97Page - STMicroelectronics STM32F303X6 Datasheet HTML 98Page - STMicroelectronics STM32F303X6 Datasheet HTML 99Page - STMicroelectronics STM32F303X6 Datasheet HTML 100Page - STMicroelectronics STM32F303X6 Datasheet HTML 101Page - STMicroelectronics STM32F303X6 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 124 page
background image
Electrical characteristics
STM32F303x6/x8
98/124
DS9866 Rev 8
Figure 32. 12-bit buffered /non-buffered DAC
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external
loads directly without the use of an external operational amplifier. The buffer can be bypassed by
configuring the BOFFx bit in the DAC_CR register.
6.3.20
Comparator characteristics
R L
C L
Buffered/Non-buffered DAC
DAC_OUTx
Buffer(1)
12-bit
digital to
analog
converter
ai17157V3
Table 66. Comparator characteristics(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDDA
Analog supply voltage
-
2
-
3.6
V
VIN
Comparator input voltage
range
-0
-
VDDA
-
VBG
Scaler input voltage
-
-
VREFINIT
--
VSC
Scaler offset voltage
-
-
±5
±10
mV
tS_SC
VREFINT scaler startup time
from power down
First VREFINT scaler activation
after device power on
--
1(2)
s
Next activations
-
-
0.2
ms
tSTART
Comparator startup time
VDDA < 2.7 V
-
-
4
µs
VDDA < 2.7 V
-
-
10
tD
Propagation delay for
200 mV step with 100 mV
overdrive
VDDA ≥ 2.7 V
-
25
28
ns
VDDA < 2.7 V
-
28
30
Propagation delay for full
range step with 100 mV
overdrive
VDDA ≥ 2.7 V
-
32
35
VDDA < 2.7 V
-
35
40
VOFFSET
Comparator offset error
VDDA ≥ 2.7 V
-
±5
±10
mV
VDDA < 2.7 V
-
-
±25
TVOFFSET Total offset variation
Full temperature range
-
-
3
mV
IDD(COMP)
COMP current
consumption
-
-
400
600
µA
1. Guaranteed by design, not tested in production.
2. For more details and conditions see Figure 33: Maximum VREFINT scaler startup time from power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com