Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 97Page - STMicroelectronics STM32F303X6 Datasheet HTML 98Page - STMicroelectronics STM32F303X6 Datasheet HTML 99Page - STMicroelectronics STM32F303X6 Datasheet HTML 100Page - STMicroelectronics STM32F303X6 Datasheet HTML 101Page - STMicroelectronics STM32F303X6 Datasheet HTML 102Page - STMicroelectronics STM32F303X6 Datasheet HTML 103Page - STMicroelectronics STM32F303X6 Datasheet HTML 104Page - STMicroelectronics STM32F303X6 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 124 page
background image
DS9866 Rev 8
101/124
STM32F303x6/x8
Electrical characteristics
102
Figure 34. OPAMP voltage noise versus frequency
en
Voltage noise density
@ 1KHz, Output
loaded with
4 K
Ω
-
109
-
@ 10KHz,
Output loaded
with 4 K
Ω
-43
-
1. Guaranteed by design, not tested in production.
2. The saturation voltage can also be limited by the Iload.
3. R2 is the internal resistance between OPAMP output and OPAMP inverting input.
R1 is the internal resistance between OPAMP inverting input and ground.
The PGA gain =1+R2/R1
4. Mostly TTa I/O leakage, when used in analog mode.
Table 67. Operational amplifier characteristics(1) (continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
nV
Hz
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com