Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 34Page - STMicroelectronics STM32F303X6 Datasheet HTML 35Page - STMicroelectronics STM32F303X6 Datasheet HTML 36Page - STMicroelectronics STM32F303X6 Datasheet HTML 37Page - STMicroelectronics STM32F303X6 Datasheet HTML 38Page - STMicroelectronics STM32F303X6 Datasheet HTML 39Page - STMicroelectronics STM32F303X6 Datasheet HTML 40Page - STMicroelectronics STM32F303X6 Datasheet HTML 41Page - STMicroelectronics STM32F303X6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 124 page
background image
Pinout and pin descriptions
STM32F303x6/x8
38/124
DS9866 Rev 8
-
-
28
36
D3
PB15
I/O
TTa
TIM15_CH2,
TIM15_CH1N,
TIM1_CH3N,
EVENTOUT
ADC2_IN15, COMP6_INM,
RTC_REFIN
--
-
37
-
PC6
I/O
FT
EVENTOUT,
TIM3_CH1,
COMP6_OUT
-
--
-
38
D4
PC7
I/O
FT
EVENTOUT,
TIM3_CH2
-
--
-
39
-
PC8
I/O
FT
EVENTOUT,
TIM3_CH3
-
--
-
40
-
PC9
I/O
FT
EVENTOUT,
TIM3_CH4
-
18
18
29
41
D1
PA8
I/O
FT
MCO, TIM1_CH1,
USART1_CKEVENT
OUT
-
19
19
30
42
D2
PA9
I/O
FT
TSC_G4_IO1,
TIM1_CH2,
USART1_TX,
TIM15_BKIN,
TIM2_CH3,
EVENTOUT
-
20
20
31
43
C4
PA10
I/O
FT
TIM17_BKIN,
TSC_G4_IO2,
TIM1_CH3,
USART1_RX,
COMP6_OUT,
TIM2_CH4,
EVENTOUT
-
21
21
32
44
C1
PA11
I/O
FT
TIM1_CH1N,
USART1_CTS,
CAN_RX,
TIM1_CH4,
TIM1_BKIN2,
EVENTOUT
-
22
22
33
45
C3
PA12
I/O
FT
TIM16_CH1,
TIM1_CH2N,
USART1_RTS_DE,
COMP2_OUT,
CAN_TX,
TIM1_ETR,EVENTO
UT
-
23
23
34
46
C2
PA13
I/O
FT
JTMS/SWDAT,
TIM16_CH1N,
TSC_G4_IO3,
IR_OUT,
USART3_CTS,
EVENTOUT
-
-
-
35
47
B1
VSS
S
-
-
-
-
-
36
48
-
VDD
S
-
-
-
Table 13. STM32F303x6/8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com