Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X6 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 53Page - STMicroelectronics STM32F303X6 Datasheet HTML 54Page - STMicroelectronics STM32F303X6 Datasheet HTML 55Page - STMicroelectronics STM32F303X6 Datasheet HTML 56Page - STMicroelectronics STM32F303X6 Datasheet HTML 57Page - STMicroelectronics STM32F303X6 Datasheet HTML 58Page - STMicroelectronics STM32F303X6 Datasheet HTML 59Page - STMicroelectronics STM32F303X6 Datasheet HTML 60Page - STMicroelectronics STM32F303X6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
DS9866 Rev 8
57/124
STM32F303x6/x8
Electrical characteristics
102
Table 28. Typical and maximum VDDA consumption in Stop and Standby modes
Symbo
l
Parameter
Conditions
Typ. @VDD (VDD = VDDA)
Max.(1)
Uni
t
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDDA
Supply
current in
Stop mode
Regulator in
run/low-power
mode, all
oscillators OFF
1.67
1.79
1.91
2.04
2.19
2.35
2.5
5.9
6.2
µA
Supply
current in
Standby
mode
LSI ON and
IWDG ON
2.06
2.24
2.41
2.60
2.80
3.04
-
-
-
LSI OFF and
IWDG OFF
1.54
1.68
1.78
1.92
2.06
2.22
2.6
3.0
3.8
Supply
current in
Stop mode
Regulator in
run/low-power
mode, all
oscillators OFF
0.97
0.99
1.03
1.07
1.14
1.22
-
-
-
Supply
current in
Standby
mode
LSI ON and
IWDG ON
1.36
1.44
1.52
1.62
1.76
1.91
-
-
-
LSI OFF and
IWDG OFF
0.86
0.88
0.91
0.95
1.03
1.09
-
-
-
1. Data based on characterization results, not tested in production.
Table 29. Typical and maximum current consumption from VBAT supply
Symbol
Para
meter
Conditions
(1)
Typ.@VBAT
Max.
@VBAT= 3.6V(2)
Unit
1.65V 1.8V
2V
2.4V 2.7V
3V
3.3V 3.6V
TA=
25°C
TA=
85°C
TA=
105°C
IDD_VBAT
Backup
domain
supply
current
LSE & RTC
ON; “Xtal
mode” lower
driving
capability;
LSEDRV[1:0]
= '00'
0.42
0.44 0.47 0.54 0.60 0.66 0.74 0.82
-
-
-
µA
LSE & RTC
ON; “Xtal
mode” higher
driving
capability;
LSEDRV[1:0]
= '11'
0.71
0.74 0.77 0.85 0.91 0.98 1.06 1.16
-
-
-
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com