Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 40Page - STMicroelectronics STM8AF6213 Datasheet HTML 41Page - STMicroelectronics STM8AF6213 Datasheet HTML 42Page - STMicroelectronics STM8AF6213 Datasheet HTML 43Page - STMicroelectronics STM8AF6213 Datasheet HTML 44Page - STMicroelectronics STM8AF6213 Datasheet HTML 45Page - STMicroelectronics STM8AF6213 Datasheet HTML 46Page - STMicroelectronics STM8AF6213 Datasheet HTML 47Page - STMicroelectronics STM8AF6213 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
Interrupt vector mapping
STM8AF6213/13A/23/23A/26
44/112
DS9884 Rev 9
7
Interrupt vector mapping
Table 13. Interrupt mapping
Priority
Source
block
Description
Wakeup from
halt mode
Wakeup from
active-halt
mode
Interrupt vector
address
Reset
Reset
Yes
Yes
0x00 8000
TRAP
Software interrupt
-
-
0x00 8004
0
TLI
External top level interrupt
-
-
0x00 8008
1
AWU
Auto-wakeup from Halt
-
Yes
0x00 800C
2
Clock
controller
Clock controller
-
-
0x00 8010
3
EXTI0
Port A external interrupts
Yes(1)
Yes(1)
0x00 8014
4
EXTI1
Port B external interrupts
Yes
Yes
0x00 8018
5
EXTI2
Port C external interrupts
Yes
Yes
0x00 801C
6
EXTI3
Port D external interrupts
Yes
Yes
0x00 8020
7
EXTI4
Port E external interrupts
Yes
Yes
0x00 8024
8
EXTI5
Port F
-
-
0x00 8028
9
Reserved
-
-
-
0x00 802C
10
SPI
End of transfer
Yes
Yes
0x00 8030
11
TIM1
TIM1 update/overflow/
underflow/trigger/break
-
-
0x00 8034
12
TIM1
TIM1 capture/compare
-
-
0x00 8038
13
TIM5
TIM5
update/overflow/trigger
-
-
0x00 803C
14
TIM5
TIM5 capture/compare
-
-
0x00 8040
15
Reserved
-
-
-
0x00 8044
16
Reserved
-
-
-
0x00 8048
17
LINUART
Tx complete
-
-
0x00 804C
18
LINUART
Receive register DATA
FULL
-
-
0x00 8050
19
I2C
I2C interrupts
Yes
Yes
0x00 8054
20
Reserved
-
-
-
0x00 8058
21
Reserved
-
-
-
0x00 805C
22
ADC1
ADC1 end of
conversion/analog
watchdog interrupt
-
-
0x00 8060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com