Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 27Page - STMicroelectronics STM8AF6213 Datasheet HTML 28Page - STMicroelectronics STM8AF6213 Datasheet HTML 29Page - STMicroelectronics STM8AF6213 Datasheet HTML 30Page - STMicroelectronics STM8AF6213 Datasheet HTML 31Page - STMicroelectronics STM8AF6213 Datasheet HTML 32Page - STMicroelectronics STM8AF6213 Datasheet HTML 33Page - STMicroelectronics STM8AF6213 Datasheet HTML 34Page - STMicroelectronics STM8AF6213 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
DS9884 Rev 9
31/112
STM8AF6213/13A/23/23A/26
Pinout and pin description
108
27
PD2/[AIN3]
[TIM5_CH3]
I/O
X
X
X HS O3
X
X
Port D2
-
Analog input
3 [AFR2]
Timer 52 -
channel 3
[AFR1]
28
PD3/ AIN4/
TIM5_CH2/
ADC_ETR
I/O
X
X
X HS O3
X
X
Port D3
Analog input
4 Timer 52 -
channel
2/ADC
external
trigger
-
29
PD4/
TIM5_CH1/
BEEP
[LINUART_CK]
I/O
X
X
X HS O3
X
X
Port D4
Timer 5 -
channel
1/BEEP
output
LINUART
clock [AFR2]
30
PD5/ AIN5/
LINUART_TX
I/O
X
X
X HS O3
X
X
Port D5
Analog input
5/ LINUART
data transmit
-
31
PD6/ AIN6/
LINUART_RX
I/O
X
X
X HS O3
X
X
Port D6
Analog input
6/ LINUART
data receive
-
32
PD7/ TLI
[TIM1_CH4]
I/O
X
X
X HS O3
X
X
Port D7
Top level
interrupt
Timer 1 -
channel 4
[AFR6]
1. I/O pins used simultaneously for high current source/sink must be uniformly spaced around the package. In addition, the
total driven current must respect the absolute maximum ratings (see Section 10.2: Absolute maximum ratings).
2. When the MCU is in Halt/Active-halt mode, PA1 is automatically configured in input weak pull-up and cannot be used for
waking up the device. In this mode, the output state of PA1 is not driven. It is recommended to use PA1 only in input mode
if Halt/Active-halt is used in the application.
3. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to VDD are
not implemented).
4. The PD1 pin is in input pull-up during the reset phase and after internal reset release.
Table 8. STM8AF6226 LQFP32/VFQPN32 pin description (continued)
Pin name
Type
Input
Output
Main
function
(after reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com