Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 6Page - STMicroelectronics STM8AF6213 Datasheet HTML 7Page - STMicroelectronics STM8AF6213 Datasheet HTML 8Page - STMicroelectronics STM8AF6213 Datasheet HTML 9Page - STMicroelectronics STM8AF6213 Datasheet HTML 10Page - STMicroelectronics STM8AF6213 Datasheet HTML 11Page - STMicroelectronics STM8AF6213 Datasheet HTML 12Page - STMicroelectronics STM8AF6213 Datasheet HTML 13Page - STMicroelectronics STM8AF6213 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
Description
STM8AF6213/13A/23/23A/26
10/112
DS9884 Rev 9
2
Description
The STM8AF6213, STM8AF6213A, STM8AF6223, STM8AF6223A and STM8AF6226
automotive 8-bit microcontrollers offer 4 to 8 Kbytes of Flash program memory, plus
integrated true data EEPROM. The STM8S series and STM8AF series 8-bit
microcontrollers reference manual (RM0016) refers to devices in this family as low-density.
They provide the following benefits: performance, robustness and reduced system cost.
Device performance and robustness are ensured by advanced core and peripherals made
in a state-of-the-art technology, a 16 MHz clock frequency, robust I/Os, independent
watchdogs with separate clock source, and a clock security system.
The system cost is reduced thanks to an integrated true data EEPROM for up to
300 k write/erase cycles and a high system integration level with internal clock oscillators,
watchdog, and brown-out reset.
Full documentation is offered as well as a wide choice of development tools.
²
Table 1. STM8AF6213/13A/23/23A/26 features
Device
STM8AF6226
STM8AF6223 STM8AF6223A STM8AF6213 STM8AF6213A
Pin count
32
20
Max. number of GPIOs
28 including 21
high-sink I/Os
16 including 12 high-sink I/Os
Ext. interrupt pins
28
16
Timer CAPCOM channels
6
7
6
7
6
Timer complementary
outputs
31
2
1
2
A/D converter channels
7
5
7
5
7
Low-density Flash program
memory (byte)
8 K
4 K
Data EEPROM (byte)
640(1)
RAM (byte)
1 K
Peripheral set
Multipurpose timer (TIM1), SPI, I2C, LINUART, window WDG, independent WDG,
ADC, PWM timer (TIM5), 8-bit timer (TIM6)
1. No read-while-write (RWW) capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com