Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 57Page - STMicroelectronics STM8AF6213 Datasheet HTML 58Page - STMicroelectronics STM8AF6213 Datasheet HTML 59Page - STMicroelectronics STM8AF6213 Datasheet HTML 60Page - STMicroelectronics STM8AF6213 Datasheet HTML 61Page - STMicroelectronics STM8AF6213 Datasheet HTML 62Page - STMicroelectronics STM8AF6213 Datasheet HTML 63Page - STMicroelectronics STM8AF6213 Datasheet HTML 64Page - STMicroelectronics STM8AF6213 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
DS9884 Rev 9
61/112
STM8AF6213/13A/23/23A/26
Electrical characteristics
108
Total current consumption in active halt mode
Table 33. Total current consumption in active halt mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max
at
85°C
Max
at
125°C
Max at
150°C
Unit
Main
voltage
regulator
(MVR)(1)
Flash
mode(2)
Clock source
IDD(AH)
Supply current in
active halt mode
On
Operating
mode
HSE crystal
osc. (16 MHz)
1030
-
-
-
µA
LSI RC osc.
(128 kHz)
200
260
300
-
Power-down
mode
HSE crystal
osc. (16 MHz)
970
-
-
-
LSI RC osc.
(128 kHz)
150
200
230
-
Off
Operating
mode
LSI RC osc.
(128 kHz)
66
85
140
200
Power-down
mode
LSI RC osc.
(128 kHz)
10
20
40
-
1. Configured by the REGAH bit in the CLK_ICKR register.
2. Configured by the AHALT bit in the FLASH_CR1 register.
Table 34. Total current consumption in active halt mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max at
85°C(1)
Max at
125°C
Unit
Main
voltage
regulator
(MVR)(2)
Flash
mode(3)
Clock source
IDD(AH)
Supply current
in active halt
mode
On
Operating
mode
HSE crystal
osc. (16 MHz)
550
-
-
µA
LSI RC osc.
(128 kHz)
200
260
290
Power-
down mode
HSE crystal
osc. (16 MHz)
970
-
-
LSI RC osc.
(128 kHz)
150
200
230
Off
Operating
mode
LSI RC osc.
(128 kHz)
66
80
105
Power-
down mode
LSI RC osc.
(128 kHz)
10
18
35
1. Guaranteed by characterization results.
2. Configured by the REGAH bit in the CLK_ICKR register.
3. Configured by the AHALT bit in the FLASH_CR1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com