Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 7Page - STMicroelectronics STM8AF6213 Datasheet HTML 8Page - STMicroelectronics STM8AF6213 Datasheet HTML 9Page - STMicroelectronics STM8AF6213 Datasheet HTML 10Page - STMicroelectronics STM8AF6213 Datasheet HTML 11Page - STMicroelectronics STM8AF6213 Datasheet HTML 12Page - STMicroelectronics STM8AF6213 Datasheet HTML 13Page - STMicroelectronics STM8AF6213 Datasheet HTML 14Page - STMicroelectronics STM8AF6213 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
DS9884 Rev 9
11/112
STM8AF6213/13A/23/23A/26
Block diagram
108
3
Block diagram
Figure 1. STM8AF6213/13A/23/23A/26 block diagram
1. Legend: ADC (Analog-to-digital converter), beCAN (Controller area network), BOR (Brownout reset),
I²C (Inter-integrated circuit multimaster interface),IWDG (Independent window watchdog), LINUART (Local interconnect
network universal asynchronous receiver transmitter), POR (Power on reset), SPI (Serial peripheral interface), SWIM
(Single wire interface module), USART (Universal synchronous asynchronous receiver transmitter), Window WDG
(Window watchdog).
XTAL 1- 16 MHz
RC int. 16 MHz
RC int. 128 kHz
STM8 core
Debug/SWIM
SPI
8-bit basic timer
(TIM6)
Reset block
Reset
POR
BOR
Clock controller
Detector
Clock to peripherals and core
8 Mbit/s
Window WDG
Up to 8 Kbyte
program Flash
640 byte
1 Kbyte RAM
ADC1
Reset
400 Kbit/s
Single wire
debug interface
16-bit advanced control
timer (TIM1)
16-bit general purpose
timers (TIM5)
data EEPROM
Independent WDG
3 CAPCOM
channels
Up to
Up to 7 channels
I2C
AWU timer
LINUART
LIN
SPI emul.
MS38343V1
1/2/4 kHz beep
Beeper
Up to
4 CAPCOM
channels +
3 complementary
outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com