Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 44Page - STMicroelectronics STM8AF6213 Datasheet HTML 45Page - STMicroelectronics STM8AF6213 Datasheet HTML 46Page - STMicroelectronics STM8AF6213 Datasheet HTML 47Page - STMicroelectronics STM8AF6213 Datasheet HTML 48Page - STMicroelectronics STM8AF6213 Datasheet HTML 49Page - STMicroelectronics STM8AF6213 Datasheet HTML 50Page - STMicroelectronics STM8AF6213 Datasheet HTML 51Page - STMicroelectronics STM8AF6213 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
Option bytes
STM8AF6213/13A/23/23A/26
48/112
DS9884 Rev 9
8.2
STM8AF6213/13A/23/23A/26 alternate function remapping
bits
OPT4
EXTCLK: External clock selection
0: External crystal connected to OSCIN/OSCOUT
1: External clock signal on OSCIN
CKAWUSEL: Auto-wakeup unit/clock
0: LSI clock source selected for AWU
1: HSE clock with prescaler selected as clock source for AWU
PRSC[1:0]: AWU clock prescaler
0x: 16 MHz to 128 kHz prescaler
10: 8 MHz to 128 kHz prescaler
11: 4 MHz to 128 kHz prescaler
OPT5
HSECNT[7:0]: HSE crystal oscillator stabilization time
0x00: 2048 HSE cycles
0xB4: 128 HSE cycles
0xD2: 8 HSE cycles
0xE1: 0.5 HSE cycles
Table 15. Option byte description (continued)
Option byte no.
Description
Table 16. STM8AF6226 alternate function remapping bits [7:2] for 32-pin packages
Option byte number
Description(1)
1. Do not use more than one remapping option in the same port.
OPT2
AFR7: Alternate function remapping option 7
0: AFR7 remapping option inactive: default alternate function (2)
1: Port C3 alternate function = = TIM1_CH1N;
port C4 alternate function = TIM1_CH2N
AFR6: Alternate function remapping option 6
0: AFR6 remapping option inactive: default alternate function (2)
1: Port D7 alternate function = TIM1_CH4.
AFR5: Alternate function remapping option 5
0: AFR5 remapping option inactive: default alternate function (2).
1: Port D0 alternate function = CLK_CCO.
AFR4: Alternate function remapping option 4
0: AFR4 remapping option inactive: default alternate function (2).
1: Port B4 alternate function = ADC_ETR; port B5 alternate function =
TIM1_BKIN.
AFR3: Alternate function remapping option 3
0: AFR3 remapping option inactive: default alternate function (2)
1: Port C3 alternate function = TLI
AFR2: Alternate function remapping option 2
0: AFR2 remapping option inactive: default alternate function (2)
1: Port C4 alternate function = AIN2; port D2 alternate function = AIN3;
port D4 alternate function = LINUART_CK
2. Refer to the pin description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com