Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 18Page - STMicroelectronics STM8AF6213 Datasheet HTML 19Page - STMicroelectronics STM8AF6213 Datasheet HTML 20Page - STMicroelectronics STM8AF6213 Datasheet HTML 21Page - STMicroelectronics STM8AF6213 Datasheet HTML 22Page - STMicroelectronics STM8AF6213 Datasheet HTML 23Page - STMicroelectronics STM8AF6213 Datasheet HTML 24Page - STMicroelectronics STM8AF6213 Datasheet HTML 25Page - STMicroelectronics STM8AF6213 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
Pinout and pin description
STM8AF6213/13A/23/23A/26
22/112
DS9884 Rev 9
5
Pinout and pin description
The following table presents the meaning of the abbreviations in use in the pin description
tables in this section.
5.1
TSSOP20 pinouts and pin descriptions
Figure 3. STM8AF6213/STM8AF6223 TSSOP20 pinout
1. (HS) high sink capability.
2. (T) true open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (if the same alternate function is shown twice, it indicates an
exclusive choice not a duplication of the function).
Table 5. Legend/abbreviations for pinout tables
Type
I= input, O = output, S = power supply
Level
Input
CM = CMOS (standard for all I/Os)
Output
HS = High sink
Output speed
O1 = Slow (up to 2 MHz)
O2 = Fast (up to 10 MHz)
O3 = Fast/slow programmability with slow as default state after reset
O4 = Fast/slow programmability with fast as default state after reset
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold X (pin state after internal reset release).
Unless otherwise specified, the pin state is the same during the reset phase and
after the internal reset release.
8
1
2
3
4
5
6
7
9
10
20
19
18
17
16
15
14
13
12
11
PD3 (HS)/AIN4/TIM5_CH2/ADC_ETR
[LINUART_CK] TIM5_CH1/BEEP/(HS) PD4
AIN5/LINUART_TX/(HS) PD5
AIN6/LINUART_RX/(HS) PD6
NRST
OSCIN/PA1
OSCOUT/PA2
VSS
VCAP
VDD
[SPI_NSS] TIM5_CH3/(HS) PA3
PB4 (T)/I2C_SCL [ADC_ETR]
PC3 (HS)/TIM1_CH3 [TLI][TIM1_CH1N]
PC4 (HS)/TIM1_CH4/CLK_CCO/AIN2 [TIM1_CH2N]
PC5 (HS)/SPI_SCK [TIM5_CH1]
PC6 (HS)/SPI_MOSI [TIM1_CH1]
PC7 (HS)/SPI_MISO [TIM1_CH2]
PD1 (HS)/SWIM
PD2 (HS)/AIN3 [TIM5_CH3]
PB5 (T)/I2C_SDA [TIM1_BKIN]
MS38345V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com