Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 9Page - STMicroelectronics STM8AF6213 Datasheet HTML 10Page - STMicroelectronics STM8AF6213 Datasheet HTML 11Page - STMicroelectronics STM8AF6213 Datasheet HTML 12Page - STMicroelectronics STM8AF6213 Datasheet HTML 13Page - STMicroelectronics STM8AF6213 Datasheet HTML 14Page - STMicroelectronics STM8AF6213 Datasheet HTML 15Page - STMicroelectronics STM8AF6213 Datasheet HTML 16Page - STMicroelectronics STM8AF6213 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
DS9884 Rev 9
13/112
STM8AF6213/13A/23/23A/26
Product overview
108
4.2
Single wire interface module (SWIM) and debug module (DM)
The single wire interface module together with an integrated debug module permit non-
intrusive, real-time in-circuit debugging and fast memory programming.
4.2.1
SWIM
Single wire interface module for direct access to the debug mode and memory
programming. The interface can be activated in all device operation modes.The maximum
data transmission speed is 145 byte/ms.
4.2.2
Debug module
The non-intrusive debugging module features a performance close to a full-featured
emulator. Besides memory and peripheral operation, CPU operation can also be monitored
in real-time by means of shadow registers.
R/W to RAM and peripheral registers in real-time
R/W access to all resources by stalling the CPU
Breakpoints on all program-memory instructions (software breakpoints)
Two advanced breakpoints, 23 predefined breakpoint configurations
4.3
Interrupt controller
Nested interrupts with three software priority levels
32 interrupt vectors with hardware priority
Up to 28 external interrupts on 7 vectors including TLI
Trap and reset interrupts
4.4
Flash program and data EEPROM memory
Up to 8 Kbytes of Flash program single voltage Flash memory
640 byte true data EEPROM
User option byte area
4.4.1
Write protection (WP)
Write protection of Flash program memory and data EEPROM is provided to avoid
unintentional overwriting of memory that could result from a user software malfunction.
There are two levels of write protection. The first level is known as MASS (memory access
security system). MASS is always enabled and protects the main Flash program memory,
data EEPROM and option byte.
To perform in-application programming (IAP), this write protection can be removed by
writing a MASS key sequence in a control register. This allows the application to write to
data EEPROM, modify the contents of main program memory or the device option byte.
A second level of write protection, can be enabled to further protect a specific area of
memory known as UBC (user boot code). Refer to the figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com