Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 22Page - STMicroelectronics STM8AF6213 Datasheet HTML 23Page - STMicroelectronics STM8AF6213 Datasheet HTML 24Page - STMicroelectronics STM8AF6213 Datasheet HTML 25Page - STMicroelectronics STM8AF6213 Datasheet HTML 26Page - STMicroelectronics STM8AF6213 Datasheet HTML 27Page - STMicroelectronics STM8AF6213 Datasheet HTML 28Page - STMicroelectronics STM8AF6213 Datasheet HTML 29Page - STMicroelectronics STM8AF6213 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 112 page
background image
Pinout and pin description
STM8AF6213/13A/23/23A/26
26/112
DS9884 Rev 9
3
PD6/ AIN6/
LINUART_RX
I/O
X
X
X
HS
O3
X
X
Port D6
Analog
input 6/
LINUART
data receive
-
4
NRST
I/O
-
X
-----
Reset
-
5
PA1/ OSCIN(2)
I/O
X
X
X
-
O1
X
X
Port A1
Resonator/
crystal in
-
6
PA2/ OSCOUT
I/O
X
X
X
-
O1
X
X
Port A2
Resonator/
crystal out
-
7
VSS
S
-
-
-----
Digital ground
-
8
VCAP
S
-
-
-----
1.8 V regulator capacitor
-
9
VDD
S
-
-
-----
Digital power supply
-
10
PB5/ I2C_SDA
[TIM1_BKIN]
I/O
X
-
X
-
O1 T(3)
-
Port B5
I2C data
Timer 1 -
break input
[AFR4]
11
PB4/ I2C_SCL
[ADC_ETR]
I/O
X
-
X
-
O1 T(3)
-
Port B4
I2C clock
ADC
external
trigger
[AFR4]
12
PB1/
TIM1_CH2N/
AIN1
I/O
X
X
X
HS
O3
X
X
Port B1
Timer 1 -
inverted
channel
2/Analog
input 1
-
13
PB0/
TIM1_CH1N/AIN0
I/O
X
X
X
HS
O3
X
X
Port B0
Timer 1 -
inverted
channel
1/Analog
input 0
-
14
PC4/ TIM1_CH4/
CLK_CCO/AIN2/[
TIM1_CH2]
I/O
X
X
X
HS
O3
X
X
Port C4
Timer 1 -
channel 4
/configurabl
e clock
output
Analog
input 2
[AFR2]Time
r 1 channel
2 [AFR7]
15
PC5/SPI_SCK
[TIM5_CH1]
I/O
X
X
X
HS
O3
X
X
Port C5
SPI clock
Timer 5
channel 1
[AFR0]
Table 7. STM8AF6213A and STM8AF6223A TSSOP20 pin description (continued)
Pin name
Type
Input
Output
Main
function
(after reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com