Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 58Page - STMicroelectronics STM8AF6213 Datasheet HTML 59Page - STMicroelectronics STM8AF6213 Datasheet HTML 60Page - STMicroelectronics STM8AF6213 Datasheet HTML 61Page - STMicroelectronics STM8AF6213 Datasheet HTML 62Page - STMicroelectronics STM8AF6213 Datasheet HTML 63Page - STMicroelectronics STM8AF6213 Datasheet HTML 64Page - STMicroelectronics STM8AF6213 Datasheet HTML 65Page - STMicroelectronics STM8AF6213 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
Electrical characteristics
STM8AF6213/13A/23/23A/26
62/112
DS9884 Rev 9
Total current consumption in halt mode
Low-power mode wakeup times
Table 35. Total current consumption in halt mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max at
85°C
Max at
125°C
Max at
150°C
Unit
IDD(H)
Supply current in halt
mode
Flash in operating mode,
HSI clock after wakeup
63
75
105
-
µA
Flash in power-down mode,
HSI clock after wakeup
6.0
20(1)
55(1)
80(1)
1. Tested in production.
Table 36. Total current consumption in halt mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max at
85°C(1)
Max at
125°C(1)
Unit
IDD(H)
Supply current in halt
mode
Flash in operating mode,
HSI clock after wakeup
60
75
100
µA
Flash in power-down mode,
HSI clock after wakeup
4.5
17
30
1. Guaranteed by characterization results.
Table 37. Wakeup times
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
tWU(WFI)
Wakeup time
from wait mode
to run mode(2)
0 to 16 MHz
-
See (3)
µs
fCPU= fMASTER= 16 MHz
0.56
-
tWU(AH)
Wakeup time
active halt mode
to run mode(2)
MVR voltage
regulator on(4)
Flash in
operating
mode(5)
HSI (after
wakeup)
1(6)
2(6)
3(6)
-
MVR voltage
regulator off
48(6)
-
50(6)
-
tWU(H)
Wakeup time
from halt mode to
run mode(2)
Flash in operating mode(5)
52
-
Flash in power-down mode(5)
54
-
1. Guaranteed by design.
2. Measured from interrupt event to interrupt vector fetch.
3. tWU(WFI) = 2 x 1/fMASTER+ 67 x 1/fCPU.
4. Configured by the REGAH bit in the CLK_ICKR register.
5. Configured by the AHALT bit in the FLASH_CR1 register.
6. Plus 1 LSI clock depending on synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com