Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 24Page - STMicroelectronics STM8AF6213 Datasheet HTML 25Page - STMicroelectronics STM8AF6213 Datasheet HTML 26Page - STMicroelectronics STM8AF6213 Datasheet HTML 27Page - STMicroelectronics STM8AF6213 Datasheet HTML 28Page - STMicroelectronics STM8AF6213 Datasheet HTML 29Page - STMicroelectronics STM8AF6213 Datasheet HTML 30Page - STMicroelectronics STM8AF6213 Datasheet HTML 31Page - STMicroelectronics STM8AF6213 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
Pinout and pin description
STM8AF6213/13A/23/23A/26
28/112
DS9884 Rev 9
5.2
LQFP32/VFQPN32 pinout and pin description
Figure 5. STM8AF6226 LQFP32/VFQPN32 pinout
1. (HS) high sink capability.
2. (T) true open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (if the same alternate function is shown twice, it indicates an
exclusive choice not a duplication of the function).
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 1011 1213141516
1
2
3
4
5
6
7
8
VCAP
VDD
[LINUART_TX][SPI_NSS] TIM5_CH3/(HS) PA3
[LINUART_RX] PF4
NRST
OSCIN/PA1
OSCOUT/PA2
VSS
PC3(HS)/TIM1_CH3 [TLI] [TIM1_CH1N]
PC2(HS)/TIM1_CH2 [TIM1_CH3N]
PC1(HS)/TIM1_CH1/LINUART_CK[TIM1_CH2N]
PE5/SPI_NSS [TIM1_CH1N]
PC7 (HS)/SPI_MISO [TIM1_CH2]
PC6 (HS)/SPI_MOSI [TIM1_CH1]
PC5 (HS)/SPI_SCK [TIM5_CH1]
PC4(HS)TIM1_CH4/CLK_CCO [AIN2] [TIM1_CH2N]
MS38347V1
Table 8. STM8AF6226 LQFP32/VFQPN32 pin description
Pin name
Type
Input
Output
Main
function
(after reset)
Default
alternate
function
Alternate
function
after remap
[option bit]
1
NRST
I/O
-
X
-
-
---
Reset
-
2
PA1/ OSCIN(2)
I/O
X
X
X
-
O1
X
X
Port A1
Resonator/
crystal in
-
3
PA2/ OSCOUT
I/O
X
X
X
-
O1
X
X
Port A2
Resonator/
crystal out
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com