Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 29Page - STMicroelectronics STM8AF6213 Datasheet HTML 30Page - STMicroelectronics STM8AF6213 Datasheet HTML 31Page - STMicroelectronics STM8AF6213 Datasheet HTML 32Page - STMicroelectronics STM8AF6213 Datasheet HTML 33Page - STMicroelectronics STM8AF6213 Datasheet HTML 34Page - STMicroelectronics STM8AF6213 Datasheet HTML 35Page - STMicroelectronics STM8AF6213 Datasheet HTML 36Page - STMicroelectronics STM8AF6213 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
DS9884 Rev 9
33/112
STM8AF6213/13A/23/23A/26
Memory and register map
108
6
Memory and register map
6.1
Memory map
Figure 6. Memory map
Flash program memory
(8 Kbyte)
0x00 0000
RAM
(1 Kbyte)
513 byte stack
0x00 427F
640 byte data EEPROM
Reserved
Reserved
0x02 7FFF
32 interrupt vectors
0x00 4FFF
0x00 5800
0x00 8000
CPU/SWIM/debug/ITC
registers
0x00 7F00
Reserved
Reserved
Option bytes
0x00 480A
0x00 4800
0x00 4000
0x00 8080
Reserved
Unique ID
0x00 4864
0x00 4870
GPIO and peripheral registers
MS38348V1
Reserved
0x00 A000
0x00 9FFF
0x00 807F
0x00 7FFF
0x00 7EFF
0x00 57FF
0x00 5000
0x00 4871
0x00 4865
0x00 480B
0x00 47FF
0x00 4280
0x00 3FFF
0x00 0800
0x00 03FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com