Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 102 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 98Page - STMicroelectronics SPC572L60F2 Datasheet HTML 99Page - STMicroelectronics SPC572L60F2 Datasheet HTML 100Page - STMicroelectronics SPC572L60F2 Datasheet HTML 101Page - STMicroelectronics SPC572L60F2 Datasheet HTML 102Page - STMicroelectronics SPC572L60F2 Datasheet HTML 103Page - STMicroelectronics SPC572L60F2 Datasheet HTML 104Page - STMicroelectronics SPC572L60F2 Datasheet HTML 105Page - STMicroelectronics SPC572L60F2 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 112 page
background image
Revision history
SPC572Lx
102/112
DocID027866 Rev 5
6
Revision history
Table 55 summarizes revisions to this document.
Table 55. Document revision history
Date
Revision
Changes
18-Jul- 2012
1
Initial release.
03-Apr-2013
2
Formatting and editorial changes throughout document.
Table 2: SPC572Lx device feature summary:
Changed title (was SPC5726SPC572L64 device feature summary)
Figure 2 (Periphery allocation):
Removed BAR module from diagram.
Section 1.5, Features overview:
Added detail to PIT descriptions (2 bullets).
Added Saturation Instructions Extension... feature item.
Figure 4 (100-pin QFP configuration (top view)):
Changed pin 65 to “ESR1”
Table 3 (Power supply and reference pins):
For row VDD_LV: added pin 68 for 100 pin and 80 pin packages.
Section 2.2.1, Power supply and reference voltage pins:
Added 2 sentences starting from “The Supply Pins Table contains...”
Table 5 (Port pins description):
From PC[10] to PC[15] - changed VDD_HV_IO_FLEX to VDD_HV_IO_ETH
Table 7 (Absolute maximum ratings):
Added footnote VDD_HV_IO refers to...
Section 2.2.1, Power supply and reference voltage pins:
Added 2 sentences starting from The Supply Pins Table contains...
Table 8 (ESD ratings,):
Added classification column
Table 9 (Device operating conditions):
Removed rows VDD_HV_ADR_D and VDD_HV_ADR_S
For row VDD_HV_ADR: divided Value Min column data into “C” (3.0) and “P” (4.0) values
and added the word reference to the Parameter description column
Changed row VSS_HV_ADR symbol (was VSS_HV_ADR_D)
Changed VDD_HV_ADV Value Min column data for P characteristic to 4.0 (was 4.2)
Table 9 (Device operating conditions):
For row VDD_HV_ADR: inverted the C and P Parameter Classification values.
Table 10 (DC electrical specifications):
Removed the following rows: VDD_HV_IO, VDD_HV_IO_JTAG, VDD_HV_IO_ETH, VDD_HV_ADV,
VDD_HV_ADR, VDD_HV_ADR – VDD_HV_ADV
Table 12 (I/O input DC electrical characteristics):
In row VIHTTL condition changed to 4.5 V < VDD_HV_IO <5.5 V.
In row VILTTL condition changed to 4.5 V < VDD_HV_IO <5.5 V.
In row VHYSTTL condition changed to 4.5 V < VDD_HV_IO <5.5 V.
In row VIHCMOS_H condition changed to 2.7 V < VDD_HV_IO < 3.0 V and
4.0 V < VDD_HV_IO <4.5 V.
In row VIHCMOS condition changed to 2.7 V < VDD_HV_IO < 3.0 V and
4.0 V < VDD_HV_IO <4.5 V.
In row VILCMOS_H condition changed to 2.7 V < VDD_HV_IO < 3.0 V and
4.0 V < VDD_HV_IO <4.5 V.
In row VHYSCMOS condition changed to 2.7 V < VDD_HV_IO < 3.0 V and
4.0 V < VDD_HV_IO <4.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com