Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60F2 Datasheet(PDF) 105 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 101Page - STMicroelectronics SPC572L60F2 Datasheet HTML 102Page - STMicroelectronics SPC572L60F2 Datasheet HTML 103Page - STMicroelectronics SPC572L60F2 Datasheet HTML 104Page - STMicroelectronics SPC572L60F2 Datasheet HTML 105Page - STMicroelectronics SPC572L60F2 Datasheet HTML 106Page - STMicroelectronics SPC572L60F2 Datasheet HTML 107Page - STMicroelectronics SPC572L60F2 Datasheet HTML 108Page - STMicroelectronics SPC572L60F2 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
DocID027866 Rev 5
105/112
SPC572Lx
Revision history
111
03-Apr-2013
2
(cont.)
Updated table, added RθJA Min and Max values
Table 54 (Thermal characteristics for eTQFP100):
Updated table, added RθJA Min and Max values
18-May-2015
3
Following are the changes in this version of the Datasheet:
Formatting and editorial changes throughout document.
Table 2 (SPC572Lx device feature summary):
Replaced SIPI/LAST Interprocessor bus with Zipwire (SIPI/LAST) Interprocessor bus.
Updated the description of SENT bus.
Figure 1 (Block diagram):
Replaced LFAST & SIPI with Zipwire (LFAST & SIPI).
Section 1.5, Features overview
Reworded the PIT bullet points.
Replaced “two channel multiplexer” with “two channel multiplexers”
Removed “Port pins description” table since the table is included in the
JPC5726M_IO_Signal_Table.xlsx sheet.
Section 3.1, Introduction
Added VDD_HV_PMC to the note section.
Table 7 (Absolute maximum ratings):
In row VDD_LV added footnotes:
Allowed 1.375 – 1.45 V for 10 hours...
1.32 – 1.375 V range allowed periodically for supply...
In footnote: 1.32 – 1.375 V range allowed periodically... changed 1.275 V to 1.288 V
Removed VDD_HV_FLA and VDD_HV_IO_JTAG rows.
Removed TJ row.
For IMAXD, replaced minimum and maximum values of “-10” and “10” with “-11” and “11”.
Updated tXRAY.
Added a note to VDD_HV_ADV.
Table 9 (Radiated emissions testing specification):
Added “36 dBµV” in all the rows of column “BISS radiated emissions limit”.
Table 10 (Conducted emissions testing specifications):
Added “BISS limit” column.
Table 8 (ESD ratings,):
Classification parameter for ESD for Human Body Model is now T.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com