Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 51Page - STMicroelectronics ST25DV64K Datasheet HTML 52Page - STMicroelectronics ST25DV64K Datasheet HTML 53Page - STMicroelectronics ST25DV64K Datasheet HTML 54Page - STMicroelectronics ST25DV64K Datasheet HTML 55Page - STMicroelectronics ST25DV64K Datasheet HTML 56Page - STMicroelectronics ST25DV64K Datasheet HTML 57Page - STMicroelectronics ST25DV64K Datasheet HTML 58Page - STMicroelectronics ST25DV64K Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 200 page
background image
Table 65. RF_PWD_3 access
RF
I2C
Command
Type
Address
Type
Present Password (cmd code B3h)
Write Password (cmd code B1h)
WO if RF user security session is open
with RF password 3
No access
Table 66. RF_PWD_3
Bit
Name
Function
Factory Value
b7-b0
RF_PWD_3
Byte 0 (LSB) of password 3for RF user security session
00h
Byte 1 of password 3 for RF user security session
00h
Byte 2 of password 3 for RF user security session
00h
Byte 3 of password 3 for RF user security session
00h
Byte 4 of password 3 for RF user security session
00h
Byte 5 of password 3 for RF user security session
00h
Byte 6 of password 3 for RF user security session
00h
Byte 7 (MSB) of password 3 for RF user security session
00h
Note:
Refer to Table 11. System configuration memory map for the RF_PWD_3 register.
Table 67. I2C_SSO_Dyn access
RF
I2C
Command
Type
Address
Type
No access
E2 = 0, 2004h
RO
Table 68. I2C_SSO_Dyn
Bit
Name
Function
Factory Value
b7-b1
RFU
-
0b
b0
I2C_SSO
0: I2C security session close
1: I2C security session open
(Set or reset via I2C Present password command)
0b
Note:
Refer to Table 12. Dynamic registers memory map for the I2C_SSO_Dyn register.
5.6.2
Passwords and security sessions
ST25DVxxx provides protection of user memory and system configuration static registers. RF user and I2C host
can access those protected data by opening security sessions with the help of passwords. Access rights is more
restricted when security sessions are closed, and less restricted when security sessions are open.
Dynamic registers and fast transfer mode mailbox are not protected by any security session.
There is three type of security sessions, as shown in Table 69. Security session type:
ST25DV04K ST25DV16K ST25DV64K
Data Protection
DS10925 - Rev 9
page 55/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com