Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 32Page - STMicroelectronics ST25DV64K Datasheet HTML 33Page - STMicroelectronics ST25DV64K Datasheet HTML 34Page - STMicroelectronics ST25DV64K Datasheet HTML 35Page - STMicroelectronics ST25DV64K Datasheet HTML 36Page - STMicroelectronics ST25DV64K Datasheet HTML 37Page - STMicroelectronics ST25DV64K Datasheet HTML 38Page - STMicroelectronics ST25DV64K Datasheet HTML 39Page - STMicroelectronics ST25DV64K Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 200 page
background image
5.2.3
GPO registers
Four registers are dedicated to this feature:
•
Two static registers in system configuration
•
Two dynamic registers
Table 25. GPO access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @00h
Write Configuration (cmd code A1h) @00h
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, 0000h
R always, W if I2C security
session is open
Table 26. GPO
Bit
Name
Function
Factory Value
b0
RF_USER_EN
0: disabled
1: GPO output level is controlled by Manage GPO Command (set/reset)
0b
b1
RF_ACTIVITY_EN
0: disabled
1: GPO output level changes from RF command EOF to response EOF.
0b
b2
RF_INTERRUPT_EN
0: disabled
1: GPO output level is controlled by Manage GPO Command (pulse).
0b
b3
FIELD_CHANGE_EN
0: disabled
1: A pulse is emitted on GPO, when RF field appears or disappears.
1b
b4
RF_PUT_MSG_EN
0: disabled
1: A pulse is emitted on GPO at completion of valid RF Write Message
command.
0b
b5
RF_GET_MSG_EN
0: disabled
1: A pulse is emitted on GPO at completion of valid RF Read Message
command if end of message has been reached.
0b
b6
RF_WRITE_EN
0: disabled
1: A pulse is emitted on GPO at completion of valid RF write operation in
EEPROM.
0b
b7
GPO_EN
0: GPO output is disabled. GPO is High-Z (open drain) or 0 (CMOS)
1: GPO output is enabled. GPO outputs enabled interrupts.
1b
Note:
Refer to Table 11. System configuration memory map for the GPO register.
•
Enables the interruption source, and enable GPO output.
•
Several interruption sources can be enabled simultaneously.
•
The updated value is valid for the next command (except for the RF_WRITE interrupt, which is valid right
after EOF of the Write Configuration command if enabled through RF).
•
The GPO_EN bit (b7) allows to disable GPO output (High-Z for open drain version, driven low for CMOS
version). Interruptions are still reported in IT_STS_Dyn register.
•
RF configuration security session (present RF password 0) or I2C security session (present I2C password)
must be open in order to write the GPO register.
ST25DV04K ST25DV16K ST25DV64K
GPO
DS10925 - Rev 9
page 36/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com