Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 33Page - STMicroelectronics ST25DV64K Datasheet HTML 34Page - STMicroelectronics ST25DV64K Datasheet HTML 35Page - STMicroelectronics ST25DV64K Datasheet HTML 36Page - STMicroelectronics ST25DV64K Datasheet HTML 37Page - STMicroelectronics ST25DV64K Datasheet HTML 38Page - STMicroelectronics ST25DV64K Datasheet HTML 39Page - STMicroelectronics ST25DV64K Datasheet HTML 40Page - STMicroelectronics ST25DV64K Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 200 page
background image
Table 27. IT_TIME access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @01h
Write Configuration (cmd code A1h) @01h
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, 0001h
R always, W if I2C security
session is open
Table 28. IT_TIME
Bit
Name
Function
Factory Value
b2-b0
IT_TIME
Pulse duration = 301 us - IT_TIME x 37.65 us ± 2 us
011b
b7-b3
RFU
-
00000b
Note:
Refer to Table 11. System configuration memory map for the IT_TIME register.
•
Defines interrupt pulse duration on GPO pin for the flowing events: RF_INTERRUPT, FIELD_CHANGE,
RF_PUT_MSG, RF_GET_MSG and RF_WRITE.
•
See Eq. (1) for interrupt duration calculation.
•
RF configuration security session (present RF password 0) or I2C security session (present I2C password)
must be open in order to write IT_TIME register.
Table 29. GPO_CTRL_Dyn access
RF
I2C
Command
Type
Address
Type
Read Dynamic Configuration (cmd code ADh) @00h
Fast Read Dynamic Configuration (cmd code CDh) @00h
RO
E2 = 0, 2000h
b0-b6: RO
b7 : R always, W always
ST25DV04K ST25DV16K ST25DV64K
GPO
DS10925 - Rev 9
page 37/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com