Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 57Page - STMicroelectronics ST25DV64K Datasheet HTML 58Page - STMicroelectronics ST25DV64K Datasheet HTML 59Page - STMicroelectronics ST25DV64K Datasheet HTML 60Page - STMicroelectronics ST25DV64K Datasheet HTML 61Page - STMicroelectronics ST25DV64K Datasheet HTML 62Page - STMicroelectronics ST25DV64K Datasheet HTML 63Page - STMicroelectronics ST25DV64K Datasheet HTML 64Page - STMicroelectronics ST25DV64K Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 200 page
background image
Table 74. DSFID access
RF
I2C
Command
Type
Address
Type
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Write DSFID (cmd code 28h)
R always, W if DSFID not locked
E2 = 1, 0012h
RO
Table 75. DSFID
Bit
Name
Function
Factory Value
b7-b0
DSFID
ISO/IEC 15693 Data Storage Format Identifier
00h
Note:
Refer to Table 11. System configuration memory map for the DSFID register.
Table 76. AFI access
RF
I2C
Command
Type
Address
Type
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Write AFI (cmd code 27h)
R always, W if AFI not locked
E2 = 1, 0013h
RO
Table 77. AFI
Bit
Name
Function
Factory Value
b7-b0
AFI
ISO/IEC 15693 Application Family Identifier
00h
Note:
Refer to Table 11. System configuration memory map for the AFI register.
Table 78. MEM_SIZE access
RF
I2C
Command
Type
Address
Type
Get System Info (cmd code 2Bh) (1)
Ext Get System Info (cmd code 3Bh)
RO
E2=1, 0014h to
0015h
RO
1. Only ST25DV04K-IE and ST25DV04K-JF
ST25DV04K ST25DV16K ST25DV64K
Device Parameter Registers
DS10925 - Rev 9
page 61/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com