Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 4Page - STMicroelectronics ST25DV64K Datasheet HTML 5Page - STMicroelectronics ST25DV64K Datasheet HTML 6Page - STMicroelectronics ST25DV64K Datasheet HTML 7Page - STMicroelectronics ST25DV64K Datasheet HTML 8Page - STMicroelectronics ST25DV64K Datasheet HTML 9Page - STMicroelectronics ST25DV64K Datasheet HTML 10Page - STMicroelectronics ST25DV64K Datasheet HTML 11Page - STMicroelectronics ST25DV64K Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 200 page
background image
3
Power management
3.1
Wired interface
Operating supply voltage VCC
In contact mode, prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within
the specified [VCC(min), VCC(max)] range must be applied (see Table 243. I2C operating conditions). To maintain
a stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor (usually of the
order of 10 nF and 100 nF) close to the VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction and, for a Write
instruction, until the completion of the internal I²C write cycle (tW). Instructions are not taken into account until
completion of ST25DVxxx's boot sequence (see Figure 5. ST25DVxxx power-up sequence (No RF field, LPD pin
tied to VSS or package without LPD pin) ).
Figure 5. ST25DVxxx power-up sequence (No RF field, LPD pin tied to VSS or package without LPD pin)
Power-Up by Vcc
(No Vcc; VDCG)
Vcc Pin
Vint_supply
I2C
I2C interface ready
None
Access
Allowed
RF or I2C
I2C Start
I2C Stop
RF Access not allowed
tboot*
* When RF Field is present before VCC set up boot is
performed after RF field rising .
* If LPD pin follow VCC before to goes low , tboot will
start only when LPD reach the low level
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. The VCC rise time must not vary faster than
1V/µs.
Device reset in I²C mode
In order to prevent inadvertent write operations during power-up, a power-on reset (POR) circuit is included. At
power-up (continuous rise of VCC), the ST25DVxxx does not respond to any I²C instruction until VCC has reached
the power-on reset threshold voltage (this threshold is lower than the minimum VCC operating voltage defined in
Table 243. I2C operating conditions). When VCC passes over the POR threshold, the device is reset and enters
the Standby power mode. However, the device must not be accessed until VCC has reached a valid and stable
VCC voltage within the specified [VCC(min), VCC(max)] range and t_boot time necessary to ST25DVxxx set-up has
passed. In the version supporting LPD pin, the boot will take place only when LPD goes low.
In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops below the power-on
reset threshold voltage, the device stops responding to any instruction sent to it, and I2C address counter is reset.
ST25DV04K ST25DV16K ST25DV64K
Power management
DS10925 - Rev 9
page 8/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com