Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 64Page - STMicroelectronics ST25DV64K Datasheet HTML 65Page - STMicroelectronics ST25DV64K Datasheet HTML 66Page - STMicroelectronics ST25DV64K Datasheet HTML 67Page - STMicroelectronics ST25DV64K Datasheet HTML 68Page - STMicroelectronics ST25DV64K Datasheet HTML 69Page - STMicroelectronics ST25DV64K Datasheet HTML 70Page - STMicroelectronics ST25DV64K Datasheet HTML 71Page - STMicroelectronics ST25DV64K Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 200 page
background image
Byte write is inhibited if byte complies with conditions described in Section 6.4.1 I2C Byte write, in addition:
•
Byte is in user memory but does not belong to same area than previous received byte (area border crossing
is forbidden).
•
256 write occurrence have already been reached in the same sequential write.
EEPROM memory (user memory and system configuration) is internally organized in pages of 4 bytes long. Data
located in a same page all share the same most significant memory address bits b16-b2.
I2C sequential write programming time in the EEPROM memory is dependent on this internal organization: total
programming time is the I2C write time tW (as defined in Table 248. I2C AC characteristics up to 85°C and
Table 249. I2C AC characteristics up to 125°C) multiplied by the number of internal EEPROM pages where the
data must be programmed, including incomplete pages. For example, a 256 Bytes I2C sequential write, starting at
address 0002h will write data over 65 pages. Total write time in this case is tW x 65.
Figure 26. Write mode sequences when write is not inhibited
Byte
Write
Dev Select
Byte address Byte address
Data in
Sequential
Write
Dev Select
Byte address Byte address
Data in 1
Data in 2
Data in N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK
Note:
N ≤ 256
Figure 27. Write mode sequences when write is inhibited
Byte
Write
Dev select
Byte address
Byte address
Data in
Sequential
Write
Dev select
Byte address
Byte address
Data in 1
Data in 2
Sequential
Write(cont'd)
Data in N
ACK
ACK
ACK
NO ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
NO ACK
Note:
N ≤ 256
ST25DV04K ST25DV16K ST25DV64K
I2C Write operations
DS10925 - Rev 9
page 68/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com