Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 1 Page - STMicroelectronics

  ST25DV64K Datasheet HTML 1Page - STMicroelectronics ST25DV64K Datasheet HTML 2Page - STMicroelectronics ST25DV64K Datasheet HTML 3Page - STMicroelectronics ST25DV64K Datasheet HTML 4Page - STMicroelectronics ST25DV64K Datasheet HTML 5Page - STMicroelectronics ST25DV64K Datasheet HTML 6Page - STMicroelectronics ST25DV64K Datasheet HTML 7Page - STMicroelectronics ST25DV64K Datasheet HTML 8Page - STMicroelectronics ST25DV64K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 200 page
background image
SO8
TSSOP8
UFDFPN8
WLCSP10
Wafer
UFDFPN12
Features
I2C interface
•
Two-wire I2C serial interface supports 1MHz protocol
•
Single supply voltage: 1.8V to 5.5V
•
Multiple byte write programming (up to 256 bytes)
Contactless interface
•
Based on ISO/IEC 15693
•
NFC Forum Type 5 tag certified by the NFC Forum
•
Supports all ISO/IEC 15693 modulations, coding, sub-carrier modes and data
rates
•
Custom fast read access up to 53 Kbit/s
•
Single and multiple blocks read (same for Extended commands)
•
Single and multiple blocks write (up to 4) (same for Extended commands)
•
Internal tuning capacitance: 28.5 pF
Memory
•
Up to 64-kbits of EEPROM (depending on version)
•
I2C interface accesses bytes
•
RF interface accesses blocks of 4 bytes
•
Write time:
–
From I2C: typical 5ms for 1 byte
–
From RF: typical 5ms for 1 block
•
Data retention: 40 years
•
Write cycles endurance:
–
1 million write cycles at 25 °C
–
600k write cycles at 85 °C
–
500k write cycles at 105 °C
–
400k write cycles at 125 °C
Fast transfer mode
•
Fast data transfer between I2C and RF interfaces
•
Half-duplex 256-byte dedicated buffer
Energy harvesting
•
Analog output pin to power external components
Data protection
•
User memory: 1 to 4 configurable areas, protectable in read and/or write by
three 64-bit passwords in RF and one 64-bit password in I2C
•
System configuration: protected in write by a 64-bit password in RF and a 64-bit
password in I2C
Product status link
ST25DV04K
ST25DV16K
ST25DV64K
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast
transfer mode capability
ST25DV04K ST25DV16K ST25DV64K
Datasheet
DS10925 - Rev 9 - February 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST25DV64K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25DV64K STMICROELECTRONICS-ST25DV64K Datasheet
2Mb / 220P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
19-Dec-2017
ST25DV64K STMICROELECTRONICS-ST25DV64K Datasheet
3Mb / 197P
Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
24-Jan-2023
ST25DV64K STMICROELECTRONICS-ST25DV64K Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
ST25DV64K-XX STMICROELECTRONICS-ST25DV64K-XX Datasheet
3Mb / 197P
Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
24-Jan-2023
ST25DV64KC STMICROELECTRONICS-ST25DV64KC Datasheet
2Mb / 203P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
Rev 3
More results

Similar Description - ST25DV64K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24LR64-RDW6T-2 STMICROELECTRONICS-M24LR64-RDW6T-2 Datasheet
3Mb / 121P
Dynamic NFC/RFID tag IC with 64-Kbit EEPROM with I²C bus and ISO 15693 RF interface
13-Jun-2013
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
05-May-2015
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
ST25DV04K STMICROELECTRONICS-ST25DV04K Datasheet
2Mb / 220P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
19-Dec-2017
ST25DV02K-W1 STMICROELECTRONICS-ST25DV02K-W1 Datasheet
912Kb / 74P
Dynamic NFC/RFID tag IC with up to two PWM outputs and 2-Kbit EEPROM
30-Aug-2019
ST25DV04KC STMICROELECTRONICS-ST25DV04KC Datasheet
2Mb / 203P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
Rev 3
ST25DV04K STMICROELECTRONICS-ST25DV04K_V02 Datasheet
3Mb / 197P
Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
24-Jan-2023
ST25TV16K STMICROELECTRONICS-ST25TV16K Datasheet
1Mb / 87P
NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
03-Jan-2023
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com