Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 72Page - STMicroelectronics ST25DV64K Datasheet HTML 73Page - STMicroelectronics ST25DV64K Datasheet HTML 74Page - STMicroelectronics ST25DV64K Datasheet HTML 75Page - STMicroelectronics ST25DV64K Datasheet HTML 76Page - STMicroelectronics ST25DV64K Datasheet HTML 77Page - STMicroelectronics ST25DV64K Datasheet HTML 78Page - STMicroelectronics ST25DV64K Datasheet HTML 79Page - STMicroelectronics ST25DV64K Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 200 page
background image
Quiet state
When in the Quiet state, the ST25DVxxx answers any request with the Address_flag set, except for Inventory
requests.
Selected state
In the Selected state, the ST25DVxxx answers any request in all modes (see Section 7.4.3 Modes):
•
Request in Select mode with the Select_flag set
•
Request in Addressed mode if the UID matches
•
Request in Non-Addressed mode as it is the mode for general requests
Table 92. ST25DVxxx response depending on Request_flags
Flags
Address_flag
Select_flag
1
Addressed
0
Non addressed
1
Selected
0
Non selected
ST25DVxxx in Ready or Selected state
(Devices in Quiet state do not answer)
-
X
-
X
ST25DVxxx in Selected state
-
X
X
-
ST25DVxxx in Ready, Quiet or Selected
state (the device which matches the
UID)
X
-
-
X
Error (03h) or no response (command
dependent)
X
-
X
-
Figure 33. ST25DVxxx state transition diagram
In RF field
Stay quiet(UID)
Select (UID)
Any other command
Inventory
Out of RF field
after tRF_OFF
Out of RF field
after tRF_OFF
Out of field
after tRF_OFF
Any other command where the
Address_Flag is set AND where
the Inventory_Flag is not set
Any other command
where Select_Flag
is not set
Power off
Quiet
Selected
Ready
1.
The ST25DVxxx returns to the Power Off state if the tag is out of the RF field for at least tRF_OFF.
The intention of the state transition method is that only one ST25DVxxx should be in the Selected state at a time.
When the Select_flag is set to 1, the request shall NOT contain a unique ID.
When the address_flag is set to 0, the request shall NOT contain a unique ID.
ST25DV04K ST25DV16K ST25DV64K
RF protocol description
DS10925 - Rev 9
page 76/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com