Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 69Page - STMicroelectronics ST25DV64K Datasheet HTML 70Page - STMicroelectronics ST25DV64K Datasheet HTML 71Page - STMicroelectronics ST25DV64K Datasheet HTML 72Page - STMicroelectronics ST25DV64K Datasheet HTML 73Page - STMicroelectronics ST25DV64K Datasheet HTML 74Page - STMicroelectronics ST25DV64K Datasheet HTML 75Page - STMicroelectronics ST25DV64K Datasheet HTML 76Page - STMicroelectronics ST25DV64K Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 200 page
background image
Following a Start condition, the bus master sends a device select code with the Read/ Write bit (R W ) reset to
0 and the Chip Enable bit E2 at 1. The device acknowledges this, as shown in Figure 31. I2C Write Password
Sequence, and waits for the two I2C password address bytes, 09h and 00h. The device responds to each address
byte with an acknowledge bit, and then waits for the four password data bytes, the validation code, 07h, and a
resend of the eight password data bytes. The most significant byte of the password is sent first, followed by the
least significant bytes.
It is necessary to send twice the 64-bit password to prevent any data corruption during the write sequence. If the
two 64-bit passwords sent are not exactly the same, the ST25DVxxx does not modify the I2C password value.
When the bus master generates a Stop condition immediately after the Ack bit (during the tenth bit time slot), the
internal write cycle is triggered. A Stop condition at any other time does not trigger the internal write cycle.
During the internal write cycle, the serial data (SDA) signal is disabled internally, and the device does not respond
to any requests.
Caution:
I2C write password command data transits via the 256-Bytes fast transfer mode's buffer. Consequently fast
transfer mode must be deactivated before issuing a write password command, otherwise command is NotACK
(after address LSB), and programming is not done and device goes in standby mode.
Figure 31. I2C Write Password Sequence
Device
select code
Password
[63:56]
Ack
R/W
Ack
Ack
Ack
Device select code = 1010111
Ack generated during 9th bit time slot.
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Password
[55:48]
Password
[47:40]
Password
[39:32]
Password
[23:16]
Password
[15:08]
Password
[7:0]
Ack
Ack
Ack
Ack
Password
[23:16]
Password
[15:08]
Password
[7:0]
Password
[63:56]
Password
[55:48]
Password
[47:40]
Password
[39:32]
Password
Address 00h
Password
Address 09h
Validation
code 07h
Ack
Password
[31:24]
Ack
Password
[31:24]
ST25DV04K ST25DV16K ST25DV64K
I2C password management
DS10925 - Rev 9
page 73/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com