Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 92Page - STMicroelectronics ST25DV64K Datasheet HTML 93Page - STMicroelectronics ST25DV64K Datasheet HTML 94Page - STMicroelectronics ST25DV64K Datasheet HTML 95Page - STMicroelectronics ST25DV64K Datasheet HTML 96Page - STMicroelectronics ST25DV64K Datasheet HTML 97Page - STMicroelectronics ST25DV64K Datasheet HTML 98Page - STMicroelectronics ST25DV64K Datasheet HTML 99Page - STMicroelectronics ST25DV64K Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 200 page
background image
Table 134. Write Multiple Block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter. The response is sent back after the writing cycle.
Table 135. Write Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: command option is not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
12h: the specified block is locked and its contents cannot be changed
–
13h: the specified block was not successfully programmed
Figure 43. Write Multiple Block frame exchange between VCD and ST25DVxxx
SOF
Write Multiple
block request
VCD
EOF
ST25DVxxx
t1
SOF
Write Multiple
block response
EOF
SOF
Write Multiple
block response
EOF
ST25DVxxx
Wt
Write sequence
when error
7.6.15
Extended Write Multiple Blocks
On receiving the Extended Write multiple block command, the ST25DVxxx writes the data contained in the
request to the targeted blocks and reports whether the write operation were successful in the response.
ST25DVxxx supports up to 4 blocks, data field must be coherent with number of blocks to program.
If some blocks overlaps areas, or overlap end of user memory the ST25DVxxx returns an error code and none of
the blocks are programmed.
When the Option_flag is set, wait for EOF to respond. During the RF write cycle Wt, there should be no
modulation (neither 100% nor 10%), otherwise the ST25DVxxx may not program correctly the data into the
memory. The Wt time is equal to t1nom + m × 302 μs < 20 ms (m is an integer function of Nb number of blocks to
be programmed).
The inventory_flag must be set to 0.
Block number is coded on 2 Bytes so all memory blocks of ST25DV16K-xx and
ST25DV64K-xx can be addressed using this command.
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 96/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com