Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 91Page - STMicroelectronics ST25DV64K Datasheet HTML 92Page - STMicroelectronics ST25DV64K Datasheet HTML 93Page - STMicroelectronics ST25DV64K Datasheet HTML 94Page - STMicroelectronics ST25DV64K Datasheet HTML 95Page - STMicroelectronics ST25DV64K Datasheet HTML 96Page - STMicroelectronics ST25DV64K Datasheet HTML 97Page - STMicroelectronics ST25DV64K Datasheet HTML 98Page - STMicroelectronics ST25DV64K Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 200 page
background image
•
Error code as Error_flag is set:
–
03h: command option is not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
15h: the specified block is read-protected
Figure 42. Extended Read Multiple Block frame exchange between VCD and ST25DVxxx
SOF
Extended
Read Multiple
Block request
VCD
ST25DVxxx
EOF
SOF
Extended
Read Multiple
Block response
EOF
t1
7.6.14
Write Multiple Blocks
On receiving the Write Multiple Block command, the ST25DVxxx writes the data contained in the request to the
requested blocks, and reports whether the write operation were successful in the response. ST25DVxxx supports
up to 4 blocks, data field must be coherent with the number of blocks to program.
If some blocks overlaps areas, or overlap end of user memory, the ST25DVxxx returns an error code and none of
the blocks are programmed. When the Option_flag is set, wait for EOF to respond. During the RF write cycle Wt,
there should be no modulation (neither 100% nor 10%), otherwise the ST25DVxxx may not program correctly the
data into the memory. The Wt time is equal to t1nom + m × 302 μs < 20 ms. (m is an integer, it is function of Nb
number of blocks to be programmed).
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16K-xx and ST25DV64K-xx can be
addressed using this command.
Table 133. Write Multiple Block request format
Request
SOF
Request_flags
Write
Multiple
Block
UID (1)
First Block
number
Number of
block (2)
Data
CRC16
Request
EOF
-
8 bits
24h
64 bits
8 bits
8 bits
Block length
(3)
16 bits
-
1. This field is optional.
2. The number of blocks in the request is one less than the number of blocks that the VICC shall write.
3. Repeated as needed
Request parameters:
•
Request flags
•
UID (optional)
•
First Block number
•
Number of blocks
•
Data
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 95/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com