Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 3 Page - STMicroelectronics

  ST25DV64K Datasheet HTML 1Page - STMicroelectronics ST25DV64K Datasheet HTML 2Page - STMicroelectronics ST25DV64K Datasheet HTML 3Page - STMicroelectronics ST25DV64K Datasheet HTML 4Page - STMicroelectronics ST25DV64K Datasheet HTML 5Page - STMicroelectronics ST25DV64K Datasheet HTML 6Page - STMicroelectronics ST25DV64K Datasheet HTML 7Page - STMicroelectronics ST25DV64K Datasheet HTML 8Page - STMicroelectronics ST25DV64K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 200 page
background image
1
Description
The ST25DV04K, ST25DV16K and ST25DV64K devices are NFC RFID tags offering respectively 4 Kbit,
16 Kbit, and 64 Kbit of electrically erasable programmable memory (EEPROM). ST25DV04K, ST25DV16K and
ST25DV64K offer two interfaces. The first one is an I2C serial link and can be operated from a DC power supply.
The second one is a RF link activated when ST25DV04K, ST25DV16K or ST25DV64K act as a contactless
memory powered by the received carrier electromagnetic wave.
In I2C mode, the ST25DV04K, ST25DV16K and ST25DV64K user memory contains up to 512 bytes, 2048 bytes
and 8192 bytes, which could be split in 4 flexible and protectable areas.
In RF mode, following ISO/IEC 15693 or NFC forum type 5 recommendations, ST25DV04K, ST25DV16K and
ST25DV64K user memory contains respectively up to 128 blocks, 512 blocks and 2048 blocks of 4 bytes which
could be split in 4 flexible and protectable areas.
ST25DV04K, ST25DV16K and ST25DV64K offer a fast transfer mode between the RF and contact worlds, thanks
to a 256 bytes volatile buffer (also called Mailbox). In addition, the GPO pin of the ST25DV04K, ST25DV16K and
ST25DV64K provide data informing the contact world about incoming events, like RF field detection, RF activity in
progress or mailbox message availability. An energy harvesting feature is also proposed when external conditions
make it possible.
Herein after all concerned devices (ST25DV04K, ST25DV16K and ST25DV64K) are mentioned as ST25DVxxx.
1.1
ST25DVxxx block diagram
Figure 1. ST25DVxxx block diagram
LPD1
AC0
AC1
V_EH
VDCG1
GPO
Vcc
SDA
SCL
Vss
1.8V VOLTAGE
REGULATOR
RF INTERFACE
28.5pF tuning
capacitance
Up to 64Kbits User memory
256 Bytes
BUFFER
ISO/IEC 15693
PROTOCOL
AND CONTROL
MEMORY
CONTROL
DIGITAL UNIT CONTROL
ENERGY
HARVESTING
CONTROL
FAST TRANSFER
CONTROL
ANALOG FRONT END
ENERGY
HARVESTING
I2C
INTERFACE
I2C CONTROL
EEPROM
System
registers
Dynamic
registers
1.
VDCG and LPD are included in 10 balls and 12 pins package only.
ST25DV04K ST25DV16K ST25DV64K
Description
DS10925 - Rev 9
page 3/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com