Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 106Page - STMicroelectronics ST25DV64K Datasheet HTML 107Page - STMicroelectronics ST25DV64K Datasheet HTML 108Page - STMicroelectronics ST25DV64K Datasheet HTML 109Page - STMicroelectronics ST25DV64K Datasheet HTML 110Page - STMicroelectronics ST25DV64K Datasheet HTML 111Page - STMicroelectronics ST25DV64K Datasheet HTML 112Page - STMicroelectronics ST25DV64K Datasheet HTML 113Page - STMicroelectronics ST25DV64K Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 200 page
background image
Table 170. Response other field: ST25DVxxx VICC command list Byte 3
Bit
Meaning if bit is set
Comment
b1
Extended read single block is supported
-
b2
Extended write single block is supported
-
b3
Extended lock single block is supported
-
b4
Extended read multiple block is supported
-
b5
Extended write multiple block is supported
-
b6
Extended Get Multiple Security Status is supported
-
b7
RFU
0 shall be returned
b8
RFU
0 shall be returned
Table 171. Response other field: ST25DVxxx VICC command list Byte 4
Bit
Meaning if bit is set
Comment
b1
Read Buffer is supported
Means Response Buffer is supported
b2
Select Secure State is supported
Means VCD or Mutual authentication are supported
b3
Final Response always includes crypto result
Means that flag b3 will be set in the Final response
b4
AuthComm crypto format is supported
-
b5
SecureComm crypto format is supported
-
b6
KeyUpdate is supported
-
b7
Challenge is supported
-
b8
If set to 1 a further Byte is transmitted
0 shall be returned
Table 172. Extended Get System Info response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
01h
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: Option not supported
–
0Fh: error with no information given
Figure 52. Extended Get System Info frame exchange between VCD and ST25DVxxx
SOF
Extended Get
System Info
request
VCD
ST25DVxxx
EOF
SOF
Extended Get
System Info
response
EOF
t1
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 110/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com