Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 121Page - STMicroelectronics ST25DV64K Datasheet HTML 122Page - STMicroelectronics ST25DV64K Datasheet HTML 123Page - STMicroelectronics ST25DV64K Datasheet HTML 124Page - STMicroelectronics ST25DV64K Datasheet HTML 125Page - STMicroelectronics ST25DV64K Datasheet HTML 126Page - STMicroelectronics ST25DV64K Datasheet HTML 127Page - STMicroelectronics ST25DV64K Datasheet HTML 128Page - STMicroelectronics ST25DV64K Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 200 page
background image
Figure 64. Write Password frame exchange between VCD and ST25DVxxx
SOF
Write
Password
request
VCD
EOF
ST25DVxxx
t1
SOF
Write
Password
response
EOF
SOF
EOF
ST25DVxxx
Wt
Write sequence
when error
Write
Password
response
7.6.36
Present Password
On receiving the Present Password command, the ST25DVxxx compares the requested password with the
data contained in the request and reports if the operation has been successful in the response. Refer to
Section 5.6 Data Protection for details on password Management. After a successful command, the security
session associate to the password is open as described in Section 5.6 Data Protection.
The Option_flag is not supported, and the Inventory_flag must be set to 0.
Table 210. Present Password request format
Request
SOF
Request_flags
Present
Password
IC Mfg
code
UID (1)
Password
number
Password CRC16
Request
EOF
-
8 bits
B3h
02h
64 bits 8 bits
64 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
Password Number:
–
00h = RF configuration password RF_PWD_0
–
01h = RF_PWD_1
–
02h = RF_PWD_2
–
03h = RF_PWD_3
–
other = Error
•
Password
Table 211. Present Password response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter. The response is sent back after the write cycle.
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 125/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com