Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 128Page - STMicroelectronics ST25DV64K Datasheet HTML 129Page - STMicroelectronics ST25DV64K Datasheet HTML 130Page - STMicroelectronics ST25DV64K Datasheet HTML 131Page - STMicroelectronics ST25DV64K Datasheet HTML 132Page - STMicroelectronics ST25DV64K Datasheet HTML 133Page - STMicroelectronics ST25DV64K Datasheet HTML 134Page - STMicroelectronics ST25DV64K Datasheet HTML 135Page - STMicroelectronics ST25DV64K Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 200 page
background image
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: the option is not supported
–
0Fh: error with no information given
–
10h: block address not available
–
15h: block read-protected
Figure 69. Fast Extended Read Multiple Block frame exchange between VCD and ST25DVxxx
SOF
Fast Extended
Read Multiple
Block request
VCD
ST25DVxxx
EOF
SOF
Fast Extended
Read Multiple
Block response
EOF
t1
7.6.41
Fast Write Message
On receiving the Fast Write Message command, the ST25DVxxx puts the data contained in the request into the
mailbox buffer, updates the Message Length register MB_LEN_Dyn, and set Mailbox loaded bit RF_PUT_MSG.
It then reports if the write operation was successful in the response. The ST25DVxxx mailbox contains up to 256
data bytes which are filled from the first location '00'. MSGlength parameter of the command is the number of
Data bytes minus - 1 (00 for 1 byte of data, FFh for 256 bytes of data). Fast Write Message can be executed
only when Mailbox is accessible by RF (previous RF message was read or time-out occurs, no I2C message to be
read). User can check it by reading b1 of MB_CTRL_Dyn “HOST_PUT_MSG”, which must be reset to “0”. (refer
to Section 5.1 Fast transfer mode (FTM)).
•
The data rate of the response is multiplied by 2 compared to Write Message command.
•
The Option_flag is not supported.
•
The Inventory_flag must be set to 0.
•
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error code.
Table 229. Fast Write Message request format
Request
SOF
Request_flags
Fast Write
Message
IC Mfg
code
UID (1) MSGLength
Message Data
CRC16
Request
EOF
-
8 bits
CAh
02h
64 bits 1 byte
(MsgLenght + 1)
bytes
16 bits
-
1. This field is optional.
Request parameters:
•
Request flag
•
UID (optional)
•
Message Lenght
•
Message Data
Table 230. Fast Write Message response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 132/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com