Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64K Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 158Page - STMicroelectronics ST25DV64K Datasheet HTML 159Page - STMicroelectronics ST25DV64K Datasheet HTML 160Page - STMicroelectronics ST25DV64K Datasheet HTML 161Page - STMicroelectronics ST25DV64K Datasheet HTML 162Page - STMicroelectronics ST25DV64K Datasheet HTML 163Page - STMicroelectronics ST25DV64K Datasheet HTML 164Page - STMicroelectronics ST25DV64K Datasheet HTML 165Page - STMicroelectronics ST25DV64K Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 200 page
background image
B.2.2
I2C byte writing in dynamic registers and polling
Table 266. Byte Write in Dynamic Register (if not Read Only)
Request/Response Frame
Comment
Master drives SDA
Slave drives SDA
Start A6h
-
Device select for writing
-
ACK
9th bit
ADDRESS_MSB
-
Send Address MSB (1 Byte)
-
ACK
9th bit
Dynamic Register ADDRESS_LSB
-
Send Address LSB (1 Byte)
Dynamic register are located from address
2000h to 2007h , some are only readable
-
ACK
9th bit
DATA
-
Send Data
-
ACK
9th bit
Stop
-
Immediate update of Dynamic register
Table 267. Polling during programming after byte write in Dynamic Register
Request/Response Frame
Comment
Master drives SDA
Slave drives SDA
Start A6h
-
Device select for writing
-
ACK
9th bit Device Busy
Dynamic register updates is immediate
Stop
-
End of Polling
Table 268. Byte Write in Dynamic Register if Read Only
Request/Response Frame
Comment
Master drives SDA
Slave drives SDA
Start A6h
-
Device select for writing
-
ACK
9th bit
20h
-
Send Address MSB (1 Byte)
-
NoACK
9th bit
RO Dynamic Register ADDRESS_LSB -
Send Address LSB (1 Byte)
Addresses 2001h, 2004h, 2005h and 2007h are Read Only
registers.
-
ACK
9th bit
DATA
-
Send Data
-
NoACK
9th bit
Stop
-
No Programming
Device return in Standby
ST25DV04K ST25DV16K ST25DV64K
I2C Byte writing and polling
DS10925 - Rev 9
page 162/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com