Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ✕ 7
Matrix LED Display Driver
_______________________________________________________________________________________
9
read-after-write verification, reset the command byte's
address because the stored byte address generally is
autoincremented after the write (Table 4).
Operation with Multiple Masters
If the MAX6953 is operated on a 2-wire interface with
multiple masters, a master reading the MAX6953
should use a repeated start between the write, which
sets the MAX6953's address pointer, and the read(s)
that takes the data from the location(s). This is because
it is possible for master 2 to take over the bus after
master 1 has set up the MAX6953's address pointer but
before master 1 has read the data. If master 2 subse-
quently changes the MAX6953's address pointer, then
master 1's delayed read may be from an unexpected
location.
Command Address Autoincrementing
Address autoincrementing allows the MAX6953 to be
configured with the shortest number of transmissions
by minimizing the number of times the command byte
needs to be sent. The command address or the font
pointer address stored in the MAX6953 generally incre-
ments after each data byte is written or read (Table 4).
Digit Registers
The MAX6953 uses eight digit registers to store the char-
acters that the user wishes to display on the four 5 ✕ 7
LED digits. These digit registers are implemented with
two planes of 4 bytes, called P0 and P1. Each LED digit
is represented by 2 bytes of memory, 1 byte in plane P0
and the other in plane P1. The digit registers are mapped
so that a digit’s data can be updated in plane P0, or
plane P1, or both planes at the same time (Table 5).
If the blink function is disabled through the Blink Enable
Bit E (Table 10) in the configuration register, then the
digit register data in plane P0 is used to multiplex the
display. The digit register data in P1 is not used. If the
blink function is enabled, then the digit register data in
both plane P0 and plane P1 are alternately used to mul-
tiplex the display. Blinking is achieved by multiplexing
the LED display using data planes P0 and P1 on alter-
nate phases of the blink clock (Table 11).
The data in the digit registers does not control the digit
segments directly. Instead, the register data is used to
address a character generator, which stores the data of
a 128-character font (Table 15). The lower 7 bits of the
digit data (D6 to D0) select the character from the font.
The most-significant bit of the register data (D7) selects
whether the font data is used directly (D7 = 0) or
whether the font data is inverted (D7 = 1). The inversion
feature can be used to enhance the appearance of
bicolor displays by displaying, for example, a red char-
acter on a green background.
Display Blink Mode
The display blinking facility, when enabled, makes the
driver flip automatically between displaying the digit
register data in planes P0 and P1. If the digit register
data for any digit is different in the two planes, then that
SA
A
P
0
SLAVE ADDRESS
COMMAND BYTE
ACKNOWLEDGE FROM MAX6953
R/W
ACKNOWLEDGE FROM MAX6953
D15
D14
D13
D12
D11
D10
D9
D8
COMMAND BYTE IS STORED ON RECEIPT OF STOP CONDITION
Figure 7. Command Byte Received
AA
AP
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
ACKNOWLEDGE FROM MAX6953
R/W
1 BYTE
AUTOINCREMENT MEMORY WORD ADDRESS
ACKNOWLEDGE FROM MAX6953
ACKNOWLEDGE FROM MAX6953
D15
D14
D13
D12
D11
D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW CONTROL BYTE AND DATA BYTE MAP INTO
MAX6953's REGISTERS
S
Figure 8. Command and Single Data Byte Received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com