Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ✕ 7
Matrix LED Display Driver
10
______________________________________________________________________________________
PIN
DEVICE ADDRESS
AD1
AD0
A6
A5
A4
A3
A2
A1
A0
GND
GND
1
010
00
0
GND
V+
1
010
00
1
GND
SDA
1
010
01
0
GND
SCL
1
010
01
1
V+
GND
1
010
10
0
V+
V+
1
010
10
1
V+
SDA
1
010
11
0
V+
SCL
1
010
11
1
SDA
GND
1
011
00
0
SDA
V+
1
011
00
1
SDA
SDA
1
011
01
0
SDA
SCL
1
011
01
1
SCL
GND
1
011
10
0
SCL
V+
1
011
10
1
SCL
SDA
1
011
11
0
SCL
SCL
1
011
11
1
Table 3. MAX6953 Address Map
S
AA
A
P
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
ACKNOWLEDGE FROM MAX6953
R/W
n BYTES
AUTOINCREMENT MEMORY WORD ADDRESS
ACKNOWLEDGE FROM MAX6953
ACKNOWLEDGE FROM MAX6953
D15 D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW COMMAND BYTE AND DATA BYTE MAP INTO
MAX6953'S REGISTERS
Figure 9. n Data Bytes Received
digit appears to flip between two characters. To make a
character appear to blink on or off, write the character
to one plane, and use the blank character (0x20) for the
other plane. Once blinking has been configured, it con-
tinues automatically without further intervention.
Blink Speed
The blink speed is determined by frequency of the mul-
tiplex clock, OSC, and by setting the Blink Rate
Selection Bit B (Table 9) in the configuration register.
The Blink Rate Selection Bit B sets either fast or slow
blink speed for the whole display.
Initial Power-Up
On initial power-up, all control registers are reset, the
display is blanked, intensities are set to minimum, and
shutdown is enabled (Table 6).
Configuration Register
The configuration register is used to enter and exit shut-
down, select the blink rate, globally enable and disable
the blink function, globally clear the digit data, and
reset the blink timing (Table 7).
Shutdown Mode (S Data Bit D0) Format
The S bit in the configuration register selects shutdown
or normal operation. The display driver can be pro-
grammed while in shutdown mode, and shutdown mode
is overridden when in the display test mode. For normal
operation, the S bit should be set to 1 (Table 8).
Blink Rate Selection (B Data Bit D2) Format
The B bit in the configuration register selects the blink
rate. This is the speed that the segments alternate
between plane P0 and plane P1 refresh data. The blink
rate is determined by the frequency of the multiplex clock
OSC, in addition to the setting of the B bit (Table 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com