Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6953_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ✕ 7
Matrix LED Display Driver
_______________________________________________________________________________________
5
80
85
95
90
100
105
2.5
3.5
3.0
4.0
4.5
5.0
5.5
DEAD CLOCK OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.95
0.97
0.96
0.99
0.98
1.00
1.01
2.5
3.5
4.0
3.0
4.5
5.0
5.5
OUTPUT SOURCE CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
WAVEFORMS AT O2 (PIN 3) AND O14
(PIN 28) V+ = 3.3V, 8/16 INTENSITY
GROUND FOR
ANODE
(PIN 014)
GROUND FOR
CATHODE
(PIN 03)
200µs/div
Typical Operating Characteristics (continued)
(Typical application circuit, V+ = 3.3V, LED forward voltage = 2.4V, scan limit set to 4 digits, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
SSOP
PDIP
NAME
FUNCTION
1, 2, 3, 6–14, 23, 24
1, 2, 3, 7–15, 26, 27
O0 to O13
LED Cathode Drivers. O0 to O13 outputs sink current from
the display’s cathode rows.
4, 5, 17
4, 5, 6, 19
GND
Ground
15
17
ISET
Segment Current Setting. Connect ISET to GND through
series resistor RSET to set the peak current.
16
18
AD1
Address Input 1. Sets device slave address. Connect to
either GND, V+, SCL, SDA to give four logic combinations.
See Table 3.
—
16, 25
N.C.
Not Connected
18
20
BLINK
Blink Output. Output is open drain.
19
21
OSC
Multiplex Clock Input. To use internal oscillator, connect
capacitor CSET from OSC to GND. To use external clock,
drive OSC with a 1MHz to 8MHz CMOS clock.
20
22
AD0
Address Input 0. Sets device slave address. Connect to
either GND, V+, SCL, SDA to give four logic combinations.
See Table 3.
21
23
SDA
I
2
C-Compatible Serial Data I/O
22
24
SCL
I
2
C-Compatible Serial Clock Input
25–31, 34, 35, 36
28–34, 38, 39, 40
O14 to O23
LED Anode Drivers. O14 to O23 outputs source current to
the display’s anode columns.
32, 33
35, 36, 37
V+
Positive Supply Voltage. Bypass V+ to GND with a 47µF
bulk capacitor and a 0.1µF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com