Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 19Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 20Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 21Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 22Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 7
Matrix LED Display Driver
20
______________________________________________________________________________________
DUTY
CYCLE
TYPICAL
SEGMENT
CURRENT (mA)
ADDRESS
CODE (HEX)
D7
D6
D5
D4
D3
D2
D1
D0
HEX
CODE
1/16 (min on)
2.5
0x01, 0x02
0000
0xX0
2/16
5
0x01, 0x02
0001
0xX1
3/16
7.5
0x01, 0x02
0010
0xX2
4/16
10
0x01, 0x02
0011
0xX3
5/16
12.5
0x01, 0x02
0100
0xX4
6/16
15
0x01, 0x02
0101
0xX5
7/16
17.5
0x01, 0x02
0110
0xX6
8/16
20
0x01, 0x02
0111
0xX7
9/16
22.5
0x01, 0x02
1000
0xX8
10/16
25
0x01, 0x02
1001
0xX9
11/16
27.5
0x01, 0x02
1010
0xXA
12/16
30
0x01, 0x02
1011
0xXB
13/16
32.5
0x01, 0x02
1100
0xXC
14/16
35
0x01, 0x02
1101
0xXD
15/16
37.5
0x01, 0x02
1110
0xXE
15/16 (max on)
37.5
0x01, 0x02
See Table 24.
1111
0xXF
Table 23. Intensity Register Format for Digit 0 (Address 0x01) and Digit 2 (Address 0x02)
DUTY
CYCLE
TYPICAL
SEGMENT
CURRENT
(mA)
ADDRESS CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
HEX
CODE
1/16 (min on)
2.5
0x01, 0x02
0
000
0x0X
2/16
5
0x01, 0x02
0
001
0x1X
3/16
7.5
0x01, 0x02
0
010
0x2X
4/16
10
0x01, 0x02
0
011
0x3X
5/16
12.5
0x01, 0x02
0
100
0x4X
6/16
15
0x01, 0x02
0
101
0x5X
7/16
17.5
0x01, 0x02
0
110
0x6X
8/16
20
0x01, 0x02
0
111
0x7X
9/16
22.5
0x01, 0x02
1
000
0x8X
10/16
25
0x01, 0x02
1
001
0x9X
11/16
27.5
0x01, 0x02
1
010
0xAX
12/16
30
0x01, 0x02
1
011
0xBX
13/16
32.5
0x01, 0x02
1
100
0xCX
14/16
35
0x01, 0x02
1
101
0xDX
15/16
37.5
0x01, 0x02
1
110
0xEX
15/16 (max on)
37.5
0x01, 0x02
1
111
See Table 23.
0xFX
Table 24. Intensity Register Format for Digit 1 (Address 0x01) and Digit 3 (Address 0x02)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com