Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 19Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 20Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 21Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 22Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 7
Matrix LED Display Driver
______________________________________________________________________________________
21
Low-Voltage Operation
The MAX6953 works over the 2.7V to 5.5V supply
range. The minimum useful supply voltage is deter-
mined by the forward-voltage drop of the LEDs at the
peak current ISEG, plus the 0.6V headroom required by
the driver output stages. The MAX6953 correctly regu-
lates ISEG with a supply voltage above this minimum
voltage. If the supply drops below this minimum volt-
age, the driver output stages may brown out, and be
unable to regulate the current correctly. As the supply
voltage drops further, the LED segment drive current
becomes effectively limited by the output driver's on-
resistance, and the LED drive current drops. The char-
acteristics of each individual LED in a 5 7 matrix digit
are well matched, so the result is that the display inten-
sity dims uniformly as supply voltage drops out of regu-
lation and beyond. The MAX6953 operates down to 2V
supply voltage (although most displays are very dim at
this voltage), providing that the MAX6953 is powered
up initially to at least 2.7V to trigger the device's internal
reset, and also that the I2C interface is constrained to
100kbps.
Computing Power Dissipation
The upper limit for power dissipation (PD) for the
MAX6953 is determined from the following equation:
PD = (V+ 15mA) + (V+ - VLED) (DUTY ISEG N)
where:
V+ = supply voltage
Duty = duty cycle set by intensity register
N = number of segments driven (worst case is 10)
VLED = LED forward voltage
ISEG = segment current set by RSET
PD = power dissipation, in mW if currents are in mA
Dissipation example:
ISEG = 40mA, N = 10, Duty = 15 / 16, VLED
= 2.4V at 40mA, V+ = 3.6V
PD = 3.6V (15mA) + (3.6V - 2.4V)
(15 / 16 40mA 10) = 0.504W
Thus, for a 36-pin SSOP package (TJA = 1 / 0.0118 =
+85°C/W from operating ratings), the maximum allowed
ambient temperature TA is given by:
TJ(MAX) = TA + (PD TJA) = +150°C =
TA + (0.504 +85°C/W)
So TA = +107°C. Thus, the part can be operated safely
at a maximum package temperature of +85°C.
Power Supplies
The MAX6953 operates from a single 2.7V to 5.5V
power supply. Bypass the power supply to GND with a
0.1µF capacitor as close to the device as possible. Add
a 47µF capacitor if the MAX6953 is not close to the
board's input bulk decoupling capacitor.
Board Layout
When designing a board, use the following guidelines:
1) The RSET connection to the ISET pin is a high-
impedance node, and sensitive to layout. Place
RSET right next to the ISET pin and route RSET
directly to these pins with very short tracks.
2) Ensure that the track from the ground end of RSET
routes directly to GND pin 19 (PDIP package) or
GND pin 17 (SSOP package), and that this track is
not used as part of any other ground connection.
Chip Information
TRANSISTOR COUNT: 44,078
PROCESS: CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com